Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3R04U Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH3R04U
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3R04U Datasheet(HTML) 5 Page - STMicroelectronics

  STTH3R04U Datasheet HTML 1Page - STMicroelectronics STTH3R04U Datasheet HTML 2Page - STMicroelectronics STTH3R04U Datasheet HTML 3Page - STMicroelectronics STTH3R04U Datasheet HTML 4Page - STMicroelectronics STTH3R04U Datasheet HTML 5Page - STMicroelectronics STTH3R04U Datasheet HTML 6Page - STMicroelectronics STTH3R04U Datasheet HTML 7Page - STMicroelectronics STTH3R04U Datasheet HTML 8Page - STMicroelectronics STTH3R04U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STTH3R04
Characteristics
5/10
Figure 11.
Relative variations of dynamic
parameters versus junction
temperature
Figure 12.
Transient peak forward voltage
versus dIF/dt (typical values)
Figure 13.
Forward recovery time versus
dIF/dt (typical values)
Figure 14.
Thermal resistance versus
lead length, DO-15
Figure 15.
Thermal resistance junction to
ambient versus copper surface
under each lead, DO-201AD (epoxy
FR4, copper thickness = 35 µm)
Figure 16.
Thermal resistance versus lead
length, DO-201AD
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
Q
RR;IRM [Tj]/ QRR;IRM [Tj=125°C]
I
RM
Q
RR
I
F= 3 A
V
R=320 V
Tj(°C)
0
5
10
15
20
25
0
50
100
150
200
250
300
350
400
450
500
V
Fp(V)
I
F=3 A
T
j=125 °C
dIF/dt(A/µs)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0
50
100
150
200
250
300
350
400
450
500
t
FR(ns)
I
F=3 A
T
j=125 °C
dIF/dt(A/µs)
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
th(j-a)(°C/W)
DO-15
Lleads(mm)
0
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
th(j-a)(°C/W)
DO-201AD
SCu(cm²)
0
10
20
30
40
50
60
70
80
90
100
5
1015
2025
R
th(°C/W)
DO-201AD
Rth(j-a)
Rth(j-l)
Lleads(mm)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com