Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8R06R Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH8R06R
Description  Turbo 2 ultrafast high voltage rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R06R Datasheet(HTML) 3 Page - STMicroelectronics

  STTH8R06R Datasheet HTML 1Page - STMicroelectronics STTH8R06R Datasheet HTML 2Page - STMicroelectronics STTH8R06R Datasheet HTML 3Page - STMicroelectronics STTH8R06R Datasheet HTML 4Page - STMicroelectronics STTH8R06R Datasheet HTML 5Page - STMicroelectronics STTH8R06R Datasheet HTML 6Page - STMicroelectronics STTH8R06R Datasheet HTML 7Page - STMicroelectronics STTH8R06R Datasheet HTML 8Page - STMicroelectronics STTH8R06R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STTH8R06
Characteristics
3/12
Figure 1.
Conduction losses versus
average current
Figure 2.
Forward voltage drop versus
forward current
0
2
4
6
8
10
12
14
16
18
20
22
24
02468
10
T
δ=tp/T
tp
δ = 0.2
δ = 1
δ = 0.05
δ = 0.1
δ = 0.5
I
(A)
F(AV)
P(W)
0
10
20
30
40
50
60
70
80
90
100
01
23
45
67
I
(A)
FM
V
(V)
FM
T = 25°C
(maximum values)
j
T =125°C
(maximum values)
j
T =125°C
(typical values)
j
Figure 3.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220AC, I2PAK,
D2PAK)
Figure 4.
Relative variation of thermal
impedance junction to case versus
pulse duration
(TO-220FPAC Insulated)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
T
δ=tp/T
tp
Z/R
th(j-c)
th(j-c)
t (s)
p
Single pulse
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
t (s)
p
Single pulse
Figure 5.
Peak reverse recovery current
versus dIF/dt (typical values)
Figure 6.
Reverse recovery time versus
dIF/dt (typical values)
0
2
4
6
8
10
12
14
16
18
20
22
0
200
400
600
800
1000
I
(A)
RM
dI /dt(A/µs)
F
I =2 x I
FF(AV)
I=I
FF(AV)
I =0.5 x I
FF(AV)
I =0.25 x I
FF(AV)
V =400V
T =125°C
R
j
0
10
20
30
40
50
60
70
80
90
100
110
120
0
200
400
600
800
1000
t (ns)
rr
dI /dt(A/µs)
F
V =400V
T =125°C
R
j
I =2 x I
F
F(AV)
I=I
FF(AV)
I =0.5 x I
FF(AV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com