Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH310 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH310
Description  High voltage ultrafast rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH310 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH310 Datasheet HTML 1Page - STMicroelectronics STTH310 Datasheet HTML 2Page - STMicroelectronics STTH310 Datasheet HTML 3Page - STMicroelectronics STTH310 Datasheet HTML 4Page - STMicroelectronics STTH310 Datasheet HTML 5Page - STMicroelectronics STTH310 Datasheet HTML 6Page - STMicroelectronics STTH310 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STTH310
Characteristics
3/7
Figure 1.
Conduction losses versus
average current
Figure 2.
Forward voltage drop versus
forward current
P(W)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
I
(A)
F(AV)
T
δ=tp/T
tp
δ = 1
δ = 0.05
δ = 0.5
δ = 0.2
δ = 0.1
I
(A)
FM
0.1
1.0
10.0
100.0
0.0
0.5
1.0
1.5
2.0
2.5
T =25°C
(maximum values)
j
V
(V)
FM
T =150°C
(maximum values)
j
T =150°C
(typical values)
j
Figure 3.
Relative variation of thermal
impedance junction ambient
versus pulse duration (epoxy FR4,
Lleads = 10 mm) (DO-201AD)
Figure 4.
Relative variation of thermal
impedance junction ambient
versus pulse duration (epoxy FR4,
S = 1cm2) (SMC)
Figure 5.
Thermal resistance junction to
ambient versus copper surface
under each lead (epoxy printed
circuit board FR4, copper
thickness: 35 µm)
Z/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
T
δ=tp/T
tp
t (s)
p
Z/R
th(j-c)
th(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
R
(°C/W)
th(j-a)
0
10
20
30
40
50
60
70
80
90
100
110
012
345
SMB
DO-201AD
L
=10mm
leads
S(cm²)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com