Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH310RL Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH310RL
Description  High voltage ultrafast rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH310RL Datasheet(HTML) 5 Page - STMicroelectronics

  STTH310RL Datasheet HTML 1Page - STMicroelectronics STTH310RL Datasheet HTML 2Page - STMicroelectronics STTH310RL Datasheet HTML 3Page - STMicroelectronics STTH310RL Datasheet HTML 4Page - STMicroelectronics STTH310RL Datasheet HTML 5Page - STMicroelectronics STTH310RL Datasheet HTML 6Page - STMicroelectronics STTH310RL Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STTH310
Package mechanical data
5/7
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 6.
DO-201AD dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
9.50
0.374
B
25.40
1.000
C
5.30
0.209
D
1.30
0.051
E
1.25
0.049
Notes
1 - The lead diameter ø D is not
controlled over zone E
2 - The minimum length which must stay
straight between the right angles after
bending is 0.59"(15mm)
Table 7.
DO-201AD C2 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
9.5
0.374
B
13.75
17.75 0.541
0.699
C
5.3
0.208
D
1.3
0.051
E
3.1
3.6
4.1
0.122 0.142 0.161
F
2.4
3.15
3.9
0.094 0.124 0.153
G
1.6
0.063
H
14.9
15.6
0.587
0.614
I
0.5
0.6
0.8
0.019 0.024 0.031
J
18.78
0.739
K
3.8
4.8
0.150
0.189
Note
The difference between E dimensions on
both sides of resinous body (which
express the bending centering) musn’t be
larger than 0.7 millimeter.
ØC
ØD
A
EE
Note 2
Note 1
Note 1
BB
J
A
I
D
55.9°
50.8°
H
G = D + 0.2 to 0.4 mm
E
R0.5
R0.5
B
K
F
(G = hole in the PCB)
10° max
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com