Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH602CT Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH602CT
Description  Ultrafast recovery diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH602CT Datasheet(HTML) 4 Page - STMicroelectronics

  STTH602CT Datasheet HTML 1Page - STMicroelectronics STTH602CT Datasheet HTML 2Page - STMicroelectronics STTH602CT Datasheet HTML 3Page - STMicroelectronics STTH602CT Datasheet HTML 4Page - STMicroelectronics STTH602CT Datasheet HTML 5Page - STMicroelectronics STTH602CT Datasheet HTML 6Page - STMicroelectronics STTH602CT Datasheet HTML 7Page - STMicroelectronics STTH602CT Datasheet HTML 8Page - STMicroelectronics STTH602CT Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STTH602C
4/9
Figure 5.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220FPAB)
Figure 6.
Junction capacitance versus
reverse applied voltage (typical
values per diode)
0.0
0.1
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z
th(j-c)/Rth(j-c)
Single pulse
TO-220FPAB
tp(s)
1
10
100
1
10
100
1000
C(pF)
F=1MHz
V
osc=30mVRMS
T
j=25°C
VR(V)
Figure 7.
Reverse recovery charges versus
dIF/dt (typical values)
Figure 8.
Reverse recovery time versus dIF/dt
(typical values)
0
20
40
60
80
100
0
50
100
150
200
250
300
350
400
450
500
Q
RR(nC)
I
F=3A
V
R=160V
T
j=125°C
T
j=25°C
dIF/dt(A/µs)
0
10
20
30
40
50
60
70
80
10
100
1000
t
RR(ns)
I
F=3A
V
R=160V
T
j=125°C
T
j=25°C
dIF/dt(A/µs)
Figure 9.
Peak reverse recovery current
versus dIF/dt (typical values)
Figure 10.
Dynamic parameters versus
junction temperature
0
2
4
6
8
10
0
50
100
150
200
250
300
350
400
450
500
I
RM(A)
I
F=3A
V
R=160V
T
j=125°C
T
j=25°C
dIF/dt(A/µs)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
Q
RR;IRM [Tj]/ QRR;IRM [Tj=125°C]
I
RM
Q
RR
I
F=3A
V
R=160V
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com