Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH310S Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH310S
Description  High voltage ultrafast rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH310S Datasheet(HTML) 2 Page - STMicroelectronics

  STTH310S Datasheet HTML 1Page - STMicroelectronics STTH310S Datasheet HTML 2Page - STMicroelectronics STTH310S Datasheet HTML 3Page - STMicroelectronics STTH310S Datasheet HTML 4Page - STMicroelectronics STTH310S Datasheet HTML 5Page - STMicroelectronics STTH310S Datasheet HTML 6Page - STMicroelectronics STTH310S Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
STTH310
2/7
1
Characteristics
To evaluate the conduction losses use the following equation: P = 1.20 x IF(AV) + 0.075 IF
2
(RMS)
Table 1.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1000
V
IF(AV)
Average forward current,
δ = 0.5
TL = 75° C δ = 0.5
DO-201AD
3
A
TL = 75° C δ = 0.5
SMC
3
IFSM
Forward surge current
tp = 8.3 ms
Sinusoidal
DO-201AD
55
A
SMC
45
Tstg
Storage temperature range
- 50 to + 175
°C
Tj
Maximum operating junction temperature
+ 175
°C
Table 2.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
L = 10 mm
DO-201AD
20
°C/W
SMC
20
Rth(j-a)
Junction to ambient
L = 10 mm
DO-201AD
75
Table 3.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
Reverse leakage current
Tj = 25° C
VR = VRRM
10
µA
Tj = 125° C
50
VF
Forward voltage drop
Tj = 25° C
IF = 3 A
1.7
V
Tj = 150° C
0.98
1.42
Table 4.
Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
trr
Reverse recovery time
IF = 0.5 A
Irr = 0.25 A
IR = 1 A
Tj = 25° C
75
ns
tfr
Forward recovery time
IF = 3 A
dIF/dt = 50 A/µs
VFR = 1.1 x VFmax
Tj = 25° C
300
ns
VFP
Forward recovery voltage
12
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com