Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH310-C2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH310-C2
Description  High voltage ultrafast rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH310-C2 Datasheet(HTML) 4 Page - STMicroelectronics

  STTH310-C2 Datasheet HTML 1Page - STMicroelectronics STTH310-C2 Datasheet HTML 2Page - STMicroelectronics STTH310-C2 Datasheet HTML 3Page - STMicroelectronics STTH310-C2 Datasheet HTML 4Page - STMicroelectronics STTH310-C2 Datasheet HTML 5Page - STMicroelectronics STTH310-C2 Datasheet HTML 6Page - STMicroelectronics STTH310-C2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Package mechanical data
STTH310
4/7
2
Package mechanical data
●
Epoxy meets UL94, V0
●
Cooling method: by conduction (C)
Figure 6.
Footprint (dimensions in mm)
Table 5.
SMC Dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
1.95
2.20
0.077
0.087
c
0.15
0.40
0.006
0.016
D
5.55
6.25
0.218
0.246
E
7.75
8.15
0.305
0.321
E1
6.60
7.15
0.260
0.281
E2
4.40
4.70
0.173
0.185
L
0.75
1.50
0.030
0.059
E
C
L
E2
E1
D
A1
A2
b
8.19
1.54
5.11
1.54
3.14



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com