Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDE1737DP Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDE1737DP
Description  Interface circuit - relay and lamp-driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1737DP Datasheet(HTML) 4 Page - STMicroelectronics

  TDE1737DP Datasheet HTML 1Page - STMicroelectronics TDE1737DP Datasheet HTML 2Page - STMicroelectronics TDE1737DP Datasheet HTML 3Page - STMicroelectronics TDE1737DP Datasheet HTML 4Page - STMicroelectronics TDE1737DP Datasheet HTML 5Page - STMicroelectronics TDE1737DP Datasheet HTML 6Page - STMicroelectronics TDE1737DP Datasheet HTML 7Page - STMicroelectronics TDE1737DP Datasheet HTML 8Page - STMicroelectronics TDE1737DP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
TDE1737
4/13
2
Electrical characteristics
25°C
≤ T
A
≤ +85°C, + 8V ≤ V
CC
≤ +45 V, I
O
≤ 300mA, T
J
≤ +150°C (unless otherwise specified)
Table 3.
Electrical characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIO
Input Offset Voltage (1)
1.
The offset voltage given is the maximum value of input voltage required to drive the output voltage within 2V of the ground
or the supply voltage.
2.
Devices bonded on a 40 cm2 glass-epoxy printed circuit 0.15cm thick with 4 cm2 of cooper.
–
2
50
mV
IIB
Input Bias Current
–
0.1
1.5
mA
ICC
Supply Current (VCC = +24V, IO = 0)
–
3
5
mA
VCM
Common–mode Input Voltage Range
2
–
VCC–2
V
ISC
Short–circuit Current Limit (RSC= 1.5Ω, TCASE= + 25°C)
–
500
–
mA
VCC–VO
Output Saturation Voltage (output low) (VI
+– V
I
≤50mV
IO = 300mA, RSC = 0)
–
1
1.5
V
IOL
Output Leakage Current (output high) (VO = VCC = +24V,
TA = + 25°C)
–
–
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com