Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL074 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TL074
Description  Low noise JFET quad operational amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL074 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TL074 Datasheet HTML 7Page - STMicroelectronics TL074 Datasheet HTML 8Page - STMicroelectronics TL074 Datasheet HTML 9Page - STMicroelectronics TL074 Datasheet HTML 10Page - STMicroelectronics TL074 Datasheet HTML 11Page - STMicroelectronics TL074 Datasheet HTML 12Page - STMicroelectronics TL074 Datasheet HTML 13Page - STMicroelectronics TL074 Datasheet HTML 14Page - STMicroelectronics TL074 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Ordering information
TL074
14/15
7
Ordering information
8
Revision history
Table 6.
Order codes
Order code
Temperature
range
Package
Packing
Marking
TL074IN
TL074AIN
TL074BIN
-40°C, +105°C
DIP14
Tube
TL074IN
TL074AIN
TL074BIN
TL074ID/IDT
TL074AID/AIDT
TL074BID/BIDT
SO-14
Tube or
tape & reel
074I
074AI
074BI
TL074IYD/IYDT(1)
TL074AIYD/AIYDT(1)
TL074BIYD/BIYDT(1)
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent are on-going.
SO-14
Tube or
tape & reel
074IY
074AIY
074BIY
TL074CN
TL074ACN
TL074BCN
0°C, +70°C
DIP14
Tube
TL074CN
TL074ACN
TL074BCN
TL074CD/CDT
TL074ACD/ACDT
TL074BCD/BCDT
SO-14
Tube or
tape & reel
074C
074AC
074BC
Table 7.
Document revision history
Date
Revision
Changes
28-Mar-2001
1
Initial release.
30-Jul-2007
2
Added values for Rthja, Rthjc and ESD in Table 1: Absolute maximum
ratings.
Added Table 2: Operating conditions.
Expanded Table 6: Order codes.
Format update.
07-Jul-2008
3
Removed information concerning military temperature ranges
(TL074Mx, TL074AMx, TL074BMx).
Added automotive grade order codes in Table 6: Order codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com