Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL30NF3LL Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL30NF3LL
Description  N-CHANNEL 30V - 0.008ohm - 30A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL30NF3LL Datasheet(HTML) 5 Page - STMicroelectronics

  STL30NF3LL Datasheet HTML 1Page - STMicroelectronics STL30NF3LL Datasheet HTML 2Page - STMicroelectronics STL30NF3LL Datasheet HTML 3Page - STMicroelectronics STL30NF3LL Datasheet HTML 4Page - STMicroelectronics STL30NF3LL Datasheet HTML 5Page - STMicroelectronics STL30NF3LL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
STL30NF3LL
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
0.80
1.00
0.031
0.039
A1
0.02
0.001
b
0.35
0.47
0.014
0.018
C
1.61
0.063
D
5.00
0.197
D2
4.15
4.25
0.163
0.167
E
6.00
0.236
E2
3.55
3.65
0.140
0.144
e
1.27
0.049
F
1.99
0.078
G
2.20
0.086
H
0.40
0.015
I
0.219
0.0086
L
0.70
0.90
0.028
0.035
PowerFLAT™(6x5) MECHANICAL DATA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com