Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082ACD Datasheet(PDF) 5 Page - STMicroelectronics

Part # TL082ACD
Description  General purpose JFET dual operational amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL082ACD Datasheet(HTML) 5 Page - STMicroelectronics

  TL082ACD Datasheet HTML 1Page - STMicroelectronics TL082ACD Datasheet HTML 2Page - STMicroelectronics TL082ACD Datasheet HTML 3Page - STMicroelectronics TL082ACD Datasheet HTML 4Page - STMicroelectronics TL082ACD Datasheet HTML 5Page - STMicroelectronics TL082ACD Datasheet HTML 6Page - STMicroelectronics TL082ACD Datasheet HTML 7Page - STMicroelectronics TL082ACD Datasheet HTML 8Page - STMicroelectronics TL082ACD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TL082 TL082A TL082B
Electrical characteristics
5/17
tr
Rise time
Vin = 20mV, RL = 2kΩ, CL = 100pF, unity gain
0.1
0.1
µs
Kov
Overshoot
Vin = 20mV, RL = 2kΩ, CL = 100pF, unity gain
10
10
%
GBP
Gain bandwidth product
Vin = 10mV, RL = 2kΩ, CL = 100pF, F= 100kHz
2.5
4
2.5
4
MHz
Ri
Input resistance
1012
1012
Ω
THD
Total harmonic distortion
F=1kHz, RL = 2kΩ,CL=100pF, Av=20dB, Vo=2Vpp
0.01
0.01
%
en
Equivalent input noise voltage
RS = 100Ω, F = 1kHz
15
15
∅m
Phase margin
45
45
degrees
Vo1/Vo2
Channel separation
Av = 100
120
120
dB
1.
The input bias currents are junction leakage currents which approximately double for every 10° C increase in the junction
temperature.
Table 3.
VCC = ±15V, Tamb = +25°C (unless otherwise specified) (continued)
Symbol
Parameter
TL082I,AC,AI,BC,
BI
TL082C
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com