Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS274ACD Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS274ACD
Description  High performance CMOS quad operational amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS274ACD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS274ACD Datasheet HTML 6Page - STMicroelectronics TS274ACD Datasheet HTML 7Page - STMicroelectronics TS274ACD Datasheet HTML 8Page - STMicroelectronics TS274ACD Datasheet HTML 9Page - STMicroelectronics TS274ACD Datasheet HTML 10Page - STMicroelectronics TS274ACD Datasheet HTML 11Page - STMicroelectronics TS274ACD Datasheet HTML 12Page - STMicroelectronics TS274ACD Datasheet HTML 13Page - STMicroelectronics TS274ACD Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
TS274
Ordering information
13/14
6
Ordering information
7
Revision history
Table 7.
Order codes
Order code
Temperature
range
Package
Packing
Marking
TS274CD
TS274CDT
0°C, +70°C
SO-14
Tube or
Tape & reel
274C
TS274ACD
TS274ACDT
274AC
TS274CN
TS274ACN
DIP14
Tube
TS274CN
TS274ACN
TS274CPT
TS274ACPT
TSSOP14
Tape & reel
274C
274AC
TS274ID
TS274IDT
-40°C, +125°C
SO-14
Tube or
Tape & reel
274I
TS274AID
TS274AIDT
274AI
TS274IN
TS274AIN
DIP14
Tube
TS274IN
TS274AIN
TS274IPT
TS274AIPT
TSSOP14
Tape & reel
274I
274AI
Table 8.
Document revision history
Date
Revision
Changes
19-Nov-2001
1
Initial release.
07-Apr-2006
2
ESD protection inserted in Table 2. on page 2.
Thermal resistance junction to case information added see Table 2.
on page 2.
Macromodel insertion in Section 4 on page 8.
01-Feb-2008
3
Added information on enhanced related families of devices on cover
page.
Removed TS274B version in AMR table and in order codes table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com