Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL084MP Datasheet(PDF) 9 Page - STMicroelectronics

Part # TL084MP
Description  General purpose JFET quad operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL084MP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TL084MP Datasheet HTML 5Page - STMicroelectronics TL084MP Datasheet HTML 6Page - STMicroelectronics TL084MP Datasheet HTML 7Page - STMicroelectronics TL084MP Datasheet HTML 8Page - STMicroelectronics TL084MP Datasheet HTML 9Page - STMicroelectronics TL084MP Datasheet HTML 10Page - STMicroelectronics TL084MP Datasheet HTML 11Page - STMicroelectronics TL084MP Datasheet HTML 12Page - STMicroelectronics TL084MP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TL084
Typical applications
9/16
Parameter measurement information
4
Typical applications
Figure 21.
Audio distribution amplifier
Figure 19.
Voltage follower
Figure 20.
Gain-of-10 inverting amplifier
-
eI
TL084
R L
1/4
C
L= 100pF
1k
Ω
10k
Ω
eo
-
TL084
1/ 4
-
-
-
TL084
1/ 4
TL084
1/4
TL084
1/ 4
1M
Ω
1
μF
Output A
Output B
Output C
Input
100k
Ω
100k
Ω
100k
Ω
100k
Ω
1OO
μF
V
CC
+
f
= 100kHz
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com