Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS274CPT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS274CPT
Description  High performance CMOS quad operational amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS274CPT Datasheet(HTML) 5 Page - STMicroelectronics

  TS274CPT Datasheet HTML 1Page - STMicroelectronics TS274CPT Datasheet HTML 2Page - STMicroelectronics TS274CPT Datasheet HTML 3Page - STMicroelectronics TS274CPT Datasheet HTML 4Page - STMicroelectronics TS274CPT Datasheet HTML 5Page - STMicroelectronics TS274CPT Datasheet HTML 6Page - STMicroelectronics TS274CPT Datasheet HTML 7Page - STMicroelectronics TS274CPT Datasheet HTML 8Page - STMicroelectronics TS274CPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TS274
Electrical characteristics
5/14
3
Electrical characteristics
Table 4.
VCC
+ = +10V, V
CC
-= 0V, T
amb = +25°C (unless otherwise specified)
Symbol
Parameter
Conditions
TS274C/AC
TS274I/AI
Unit
Min
Typ
Max
Min
Typ
Max
Vio
Input offset voltage
Vo = 1.4V, Vic = 0V
TS274C/I
TS274AC/AI
1.1
0.9
10
5
1.1
0.9
10
5
mV
Tmin ≤ Tamb ≤ Tmax
TS274C/I
TS274AC/AI
12
6.5
12
6.5
mV
DVio
Input offset voltage drift
2
2
µV/°C
Iio
Input offset current (1)
Vic = 5V, Vo = 5V
Tmin ≤ Tamb ≤ Tmax
1
100
1
200
pA
Iib
Input bias current (1)
Vic = 5V, Vo = 5V
Tmin ≤ Tamb ≤ Tmax
1
150
1
300
pA
VOH
High level output voltage
Vid = 100mV, RL = 10kΩ
Tmin ≤ Tamb ≤ Tmax
8.2
8.1
8.4
8.2
8
8.4
V
VOL
Low level output voltage
Vid = -100mV
50
50
mV
Avd
Large signal voltage gain
ViC = 5V, RL = 10kΩ,
Vo = 1V to 6V
Tmin ≤ Tamb ≤ Tmax
10
7
15
10
6
15
V/mV
GBP
Gain bandwidth product
Av = 40dB, RL = 10kΩ,
CL = 100pF, fin = 100kHz
3.5
3.5
MHz
CMR
Common mode rejection
ratio
Vic = 1V to 7.4V, Vo = 1.4V
65
80
65
80
dB
SVR
Supply voltage rejection
ratio
VCC
+ = 5V to 10V, V
o = 1.4V
60
70
60
70
dB
ICC
Supply current (per
amplifier)
Av = 1, no load, Vo = 5V
Tmin ≤ Tamb ≤ Tmax
1000 1500
1600
1000 1500
1700
µA
Io
Output short circuit current Vo = 0V, Vid = 100mV
60
60
mA
Isink
Output sink current
Vo = VCC, Vid = -100mV
45
45
mA
SR
Slew rate at unity gain
RL = 10kΩ, CL = 100pF,
Vin = 3 to 7V
5.5
5.5
V/µs
φm
Phase margin at unity gain
Av = 40dB, RL = 10kΩ,
CL = 100pF
40
40
Degrees
KOV
Overshoot factor
30
30
%
en
Equivalent input noise
voltage
f = 1kHz, Rs = 100Ω
30
30
nV/
√Hz
Vo1/Vo2 Channel separation
120
120
dB
1.
Maximum values including unavoidable inaccuracies of the industrial test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com