Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL34NF06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL34NF06
Description  N-CHANNEL 60V - 0.024ohm - 34A PowerFLAT™ LOW GATE CHARGE STripFET™ II MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL34NF06 Datasheet(HTML) 1 Page - STMicroelectronics

  STL34NF06 Datasheet HTML 1Page - STMicroelectronics STL34NF06 Datasheet HTML 2Page - STMicroelectronics STL34NF06 Datasheet HTML 3Page - STMicroelectronics STL34NF06 Datasheet HTML 4Page - STMicroelectronics STL34NF06 Datasheet HTML 5Page - STMicroelectronics STL34NF06 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
PRELIMINARY DATA
November 2002
STL34NF06
N-CHANNEL 60V - 0.024
Ω -34A PowerFLAT™
LOW GATE CHARGE STripFET™II MOSFET
(1) Starting Tj =25°C, ID =17A, VDD = 42V
TYPICAL RDS(on) = 0.024Ω
IMPROVED DIE-TO-FOOTPRINT RATIO
VERY LOW PROFILE PACKAGE
DESCRIPTION
This Power MOSFET is the second generation of
STMicroelectronics unique “STripFET™” technolo-
gy. The resulting transistor shows extremely low on-
resistance and minimal gate charge. The new Pow-
erFLAT™ package allow a significant reduction in
board space without compramising performance.
APPLICATIONS
DC-DC CONVERTERS
BATTERY MANAGEMENT IN NOMADIC
EQUIPMENT
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
(*) Current Limited by Wire Bonding is 20A
TYPE
VDSS
RDS(on)
ID
STL34NF06
60 V
< 0.028
Ω
34 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
60
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
60
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuous) at TC = 25°C (*)
Drain Current (continuous) at TC = 100°C
34
20
A
A
IDM ( )
Drain Current (pulsed)
136
A
PTOT
Total Dissipation at TC = 25°C
70
W
Derating Factor
0.56
W/°C
EAS (1)
Single Pulse Avalanche Energy
250
mJ
Tstg
Storage Temperature
–55 to 150
°C
Tj
Max. Operating Junction Temperature
PowerFLAT™(5x5)
(Chip Scale Package)
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STL34NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL34N65M5 STMICROELECTRONICS-STL34N65M5 Datasheet
1Mb / 15P
Low gate input resistance
07-Apr-2014
More results

Similar Description - STL34NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL22NF10 STMICROELECTRONICS-STL22NF10 Datasheet
324Kb / 8P
N-CHANNEL 100V - 0.055 ohm - 22A PowerFLAT™ LOW GATE CHARGE STripFET™ II MOSFET
Feb-2003
STL28NF3LL STMICROELECTRONICS-STL28NF3LL Datasheet
117Kb / 6P
N-CHANNEL 30V - 0.0055ohm - 28A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Nov-2002
STL30NF3LL STMICROELECTRONICS-STL30NF3LL Datasheet
169Kb / 6P
N-CHANNEL 30V - 0.008ohm - 30A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Nov-2001
STL35NF10 STMICROELECTRONICS-STL35NF10 Datasheet
165Kb / 6P
N-CHANNEL 100V - 0.025ohm - 35A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Aug-2001
STL35NF3LL STMICROELECTRONICS-STL35NF3LL Datasheet
183Kb / 6P
N-CHANNEL 30V - 0.0055ohm - 35A PowerFLAT™ LOW GATE CHARGE STripFET™ MOSFET
Oct-2001
STP40NF10 STMICROELECTRONICS-STP40NF10 Datasheet
479Kb / 11P
N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Sep-2002
STL27N15 STMICROELECTRONICS-STL27N15 Datasheet
132Kb / 6P
N-CHANNEL 150V - 0.045 W - 27A PowerFLAT LOW GATE CHARGE STripFET MOSFET
Jun-2003
STF40NF06 STMICROELECTRONICS-STF40NF06 Datasheet
253Kb / 9P
N-CHANNEL 60V - 0.024ohm - 23A - TO-220FP STripFET II MOSFET
11-Nov-2004
STL20NF20 STMICROELECTRONICS-STL20NF20 Datasheet
777Kb / 12P
N-channel 200 V, 0.10 Ω, 15 A PowerFLAT™ (5x6) low gate charge STripFET™ Power MOSFET
11-Dec-2009
STP80NF10FP STMICROELECTRONICS-STP80NF10FP Datasheet
226Kb / 12P
N-channel 100V - 0.012Ω - 38A - TO-220FP Low gate charge STripFET™ II Power MOSFET
11-Apr-2006
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com