Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS393CD Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS393CD
Description  Micropower dual CMOS voltage comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS393CD Datasheet(HTML) 2 Page - STMicroelectronics

  TS393CD Datasheet HTML 1Page - STMicroelectronics TS393CD Datasheet HTML 2Page - STMicroelectronics TS393CD Datasheet HTML 3Page - STMicroelectronics TS393CD Datasheet HTML 4Page - STMicroelectronics TS393CD Datasheet HTML 5Page - STMicroelectronics TS393CD Datasheet HTML 6Page - STMicroelectronics TS393CD Datasheet HTML 7Page - STMicroelectronics TS393CD Datasheet HTML 8Page - STMicroelectronics TS393CD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute maximum ratings
TS393
2/12
1
Absolute maximum ratings
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
+
Supply voltage (1)
1.
All voltage values, except differential voltage, are with respect to network ground terminal.
18
V
Vid
Differential input voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±18
V
Vin
Input voltage (3)
3.
Excursions of input voltages may exceed the power supply level. As long as the common mode voltage
[Vicm=(Vin
+ + V
in
-)/2] remains within the specified range, the comparator will provide a stable output state.
However, the maximum current through the ESD diodes (IF) of the input stage must strictly be observed.
18
V
Vo
Output voltage
18
V
Io
Output current
20
mA
IF
Forward current in ESD protection diodes on inputs(4)
4.
Guaranteed by design.
50
mA
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient (5)
DIP8
SO-8
TSSOP8
5.
Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
85
125
120
°C/W
Rthjc
Thermal resistance junction to case (5)
DIP8
SO-8
TSSOP8
41
40
37
°C/W
Tstg
Storage temperature range
-65 to +150
°C
ESD
HBM: human body model(6)
6.
Human body model: A 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
500
V
MM: machine model(7)
7.
Machine model: A 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
V
CDM: charged device model (8)
8.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
1kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com