Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2NW11W Datasheet(PDF) 3 Page - SunLED Corporation

Part # LM2NW11W
Description  T-1 (3mm) SOLID STATE LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LM2NW11W Datasheet(HTML) 3 Page - SunLED Corporation

  LM2NW11W Datasheet HTML 1Page - SunLED Corporation LM2NW11W Datasheet HTML 2Page - SunLED Corporation LM2NW11W Datasheet HTML 3Page - SunLED Corporation LM2NW11W Datasheet HTML 4Page - SunLED Corporation LM2NW11W Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Published Date : MAR 25, 2008
Drawing No : SDSA6560
V1
Checked : B.L.LIU
P.3/5
Part Number:
LM2NW11W
T-1 (3mm) SOLID STATE LAMP
www.SunLED.com
LM2NW11W
White CIE
0.22
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.21 0.22 0.23 0.24 0.25 0.26 0.27 0.28 0.29 0.30 0.31 0.32 0.33 0.34 0.35 0.360.370.38
a0
a1
b1
X 0.264 0.283 0.296 0.280
X 0.248 0.275 0.283 0.264
X 0.283 0.330 0.330 0.287
Y 0.267 0.305 0.276 0.248
Y 0.286 0.321 0.305 0.267
Y 0.305 0.360 0.339 0.295
Reference CCT: 14000~9000k
Reference CCT: 14000~9000k
Reference CCT: 9000~5600k
b2
b3
b4
X 0.287 0.330 0.330 0.296
X 0.275 0.298 0.306 0.283
X 0.298 0.321 0.330 0.306
Y 0.295 0.339 0.318 0.276
Y 0.321 0.350 0.332 0.305
Y 0.350 0.379 0.360 0.332
Reference CCT: 9000~5600k
Reference CCT: 9000~7000k
Reference CCT: 7600~5600k
c0
c1
X 0.330 0.361 0.356 0.330
X 0.321 0.366 0.361 0.330
Y 0.360 0.385 0.351 0.318
Y 0.379 0.419 0.385 0.360
Reference CCT: 5600~4600k
Reference CCT: 6000~4600k
a1
a0
b3
b1
b2
b4
c0
c1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com