Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS393IN Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS393IN
Description  Micropower dual CMOS voltage comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS393IN Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS393IN Datasheet HTML 2Page - STMicroelectronics TS393IN Datasheet HTML 3Page - STMicroelectronics TS393IN Datasheet HTML 4Page - STMicroelectronics TS393IN Datasheet HTML 5Page - STMicroelectronics TS393IN Datasheet HTML 6Page - STMicroelectronics TS393IN Datasheet HTML 7Page - STMicroelectronics TS393IN Datasheet HTML 8Page - STMicroelectronics TS393IN Datasheet HTML 9Page - STMicroelectronics TS393IN Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical characteristics
TS393
6/12
Table 4.
VCC
+ = 5V, V
CC
- = 0V, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (1)
Vic = 2.5V, VCC
+ = 5V to 10V
Tmin ≤ Tamb ≤ Tmax
1.4
5
6.5
mV
Iio
Input offset current (2)
Vic = 2.5V
Tmin ≤ Tamb ≤ Tmax
1
300
pA
Iib
Input bias current 2)
Vic = 2.5V
Tmin ≤ Tamb ≤ Tmax
1
600
pA
CMR
Common-mode rejection ratio
Vic = 0V
71
dB
SVR
Supply voltage rejection ratio
VCC
+ = +5V to +10V
80
dB
IOH
High level output voltage
Vid = 1V, VOH = +5V
Tmin ≤ Tamb ≤ Tmax
240
1000
nA
VOL
Low level output voltage
Vid = -1V, IOL = 6mA
Tmin ≤ Tamb ≤ Tmax
260
400
650
mV
ICC
Supply current (each comparator)
No load - outputs low
Tmin ≤ Tamb ≤ Tmax
10
20
25
µA
tPLH
Response time low to high
Vic = 0V, f = 10kHz, RL = 5.1kΩ, CL = 50pF,
Overdrive = 5mV
Overdrive = 10mV
Overdrive = 20mV
Overdrive = 40mV
TTL input
1.5
1.2
1.0
0.8
0.7
µs
tPHL
Response time high to low
Vic = 0V, f = 10kHz, RL = 5.1kΩ, CL = 50pF,
Overdrive = 5mV
Overdrive = 10mV
Overdrive = 20mV
Overdrive = 40mV
TTL input
2.5
1.9
1.2
0.8
0.08
µs
tf
Fall time
f = 10kHz, CL = 50pF, RL = 5.1kΩ, overdrive 50mV
25
ns
1.
The specified offset voltage is the maximum value required to drive the output up to 4.5V or down to 0.3V.
2.
Maximum values including unavoidable inaccuracies of the industrial tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com