Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS507ILT Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS507ILT
Description  High precision rail-to-rail operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS507ILT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS507ILT Datasheet HTML 8Page - STMicroelectronics TS507ILT Datasheet HTML 9Page - STMicroelectronics TS507ILT Datasheet HTML 10Page - STMicroelectronics TS507ILT Datasheet HTML 11Page - STMicroelectronics TS507ILT Datasheet HTML 12Page - STMicroelectronics TS507ILT Datasheet HTML 13Page - STMicroelectronics TS507ILT Datasheet HTML 14Page - STMicroelectronics TS507ILT Datasheet HTML 15Page - STMicroelectronics TS507ILT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Electrical characteristics
TS507
12/20
Figure 13.
Output current vs. output voltage at
VCC=5V
Figure 14.
Positive and negative slew rate vs.
supply voltage
0.0
0.0
1.0
1.0
2.0
2.0
3.0
3.0
4.0
4.0
5.0
5.0
-150
-125
-100
-100
-75
-50
-25
0
0
25
50
75
100
100
125
150
Source
Vid=1V
Sink
Vid=-1V
T=-40°C
T=25°C
T=125°C
T=-40°C
Vcc=5V
T=125°C
T=25°C
O utput Voltage (V)
2.0
2.5
3.0
3.03.5
4.04.5
5.0
5.0
5.5
6.0
-1.0
-1.0
-0.8
-0.8
-0.6
-0.6
-0.4
-0.4
-0.2
-0.2
0.0
0.0
0.2
0.2
0.4
0.4
0.6
0.6
0.8
0.8
1.0
1.0
T=125°C
T=25°C
T=-40°C
Positive slew rate
Negative slew rate
Vin : from 0.5V to Vcc-0.5V
SR : calculated from 10% to 90%
T=125°C
T=25°C
T=-40°C
Supply Voltage (V)
Figure 15.
Voltage gain and phase vs.
frequency at VCC=5V and Vicm=2.5V
at T=25°C
Figure 16.
Voltage gain and phase vs.
frequency at VCC=5V and Vicm=2.5V
at T=-40°C
10
4
10
5
10
6
10
7
-50
-40
-40
-30
-20
-20
-10
0
0
10
20
20
30
40
40
50
-180
-150
-120
-90
-60
-30
0
30
60
90
120
150
180
Cl=230pF
Cl=100pF
Phase
Vcc=5V, Vicm=2.5V, G= -100
Rl=2kOhms, Vrl=Vcc/2
Tamb=25°C
Gain
Frequency (Hz)
10
4
10
5
10
6
10
7
-50
-40
-40
-30
-20
-20
-10
0
0
10
20
20
30
40
40
50
-180
-150
-120
-90
-60
-30
0
30
60
90
120
150
180
Phase
Vcc=5V, Vicm=2.5V, G= -100
Rl=2kOhms, Cl=100pF, Vrl=Vcc/2
Tamb=-40°C
Gain
Frequency (Hz)
Figure 17.
Voltage gain and phase vs.
frequency at VCC=5V and Vicm=2.5V
at T=125°C
Figure 18.
Closed loop gain in voltage follower
configuration for different
capacitive load at T=25°C
10
4
10
5
10
6
10
7
-50
-40
-40
-30
-20
-20
-10
0
0
10
20
20
30
40
40
50
-180
-150
-150
-120
-120
-90
-90
-60
-60
-30
-30
0
30
30
60
60
90
90
120
120
150
150
180
Phase
Vcc=5V, Vicm=2.5V, G= -100
Rl=2kOhms, Cl=100pF, Vrl=Vcc/2
Tamb=125°C
Gain
Frequency (Hz)
10k
100k
1M
10M
-40
-40
-30
-20
-20
-10
0
0
10
20
20
TS507 :
V
cc
= 5 V
V
icm
= 2,5 V
T = 25 °C
R
L
= 10 k
Ω
G ain w ith C
L
=300 pF
G ain with C
L
=550 pF
G ain w ithout C
L
Frequency (H z)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com