Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS512AIN Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS512AIN
Description  Precision dual operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS512AIN Datasheet(HTML) 1 Page - STMicroelectronics

  TS512AIN Datasheet HTML 1Page - STMicroelectronics TS512AIN Datasheet HTML 2Page - STMicroelectronics TS512AIN Datasheet HTML 3Page - STMicroelectronics TS512AIN Datasheet HTML 4Page - STMicroelectronics TS512AIN Datasheet HTML 5Page - STMicroelectronics TS512AIN Datasheet HTML 6Page - STMicroelectronics TS512AIN Datasheet HTML 7Page - STMicroelectronics TS512AIN Datasheet HTML 8Page - STMicroelectronics TS512AIN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
May 2008
Rev 3
1/16
16
TS512
Precision dual operational amplifier
Features
■ Low input offset voltage: 500 µV max.
■ Low power consumption
■ Short-circuit protection
■ Low distortion, low noise
■ High gain-bandwidth product: 3 MHz
■ High channel separation
■ ESD protection 2 kV
■ Macromodel included in this specification
Description
The TS512 is a high performance dual
operational amplifier with frequency and phase
compensation built into the chip. The internal
phase compensation allows stable operation in
voltage follower in spite of its high gain-bandwidth
product.
The circuit presents very stable electrical
characteristics over the entire supply voltage
range, and is particularly intended for professional
and telecom applications (such as active filtering).
N
DIP8
(Plastic package)
D
SO-8
(Plastic micropackage)
Inverting Input 2
Non-inverting Input 2
Non-inverting Input 1
-
CC
V
1
2
3
4
8
5
6
7
CC
V +
-
+
-
+
Output 1
Inverting Input 1
Output
Pin connections
(Top view)
www.st.com


Similar Part No. - TS512AIN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS512AI STMICROELECTRONICS-TS512AI Datasheet
54Kb / 7P
HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
Mar-1998
TS512AIA STMICROELECTRONICS-TS512AIA Datasheet
54Kb / 7P
HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
Mar-1998
TS512AID STMICROELECTRONICS-TS512AID Datasheet
54Kb / 7P
HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
Mar-1998
More results

Similar Description - TS512AIN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6082 NSC-LMC6082 Datasheet
322Kb / 12P
Precision CMOS Dual Operational Amplifier
logo
Analog Devices
OP-285 AD-OP-285 Datasheet
577Kb / 16P
DUAL, 9MHz PRECISION OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1002 LINER-LT1002 Datasheet
344Kb / 16P
Dual, Matched Precision Operational Amplifier
RH1013M LINER-RH1013M Datasheet
197Kb / 8P
Dual Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
Precision Dual Difet Operational Amplifier
logo
New Japan Radio
NJM2739 NJRC-NJM2739 Datasheet
1Mb / 17P
Dual Precision Operational Amplifier
logo
Linear Technology
LT1002 LINER-LT1002_15 Datasheet
189Kb / 16P
Dual, Matched Precision Operational Amplifier
RH1013M LINER-RH1013M_15 Datasheet
119Kb / 6P
Dual Precision Operational Amplifier
logo
Texas Instruments
LT1013 TI1-LT1013 Datasheet
114Kb / 6P
Dual Precision Operational Amplifier
LT1013 TI1-LT1013_16 Datasheet
1Mb / 36P
Dual Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com