Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS514AIYD Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS514AIYD
Description  Precision Quad Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS514AIYD Datasheet(HTML) 2 Page - STMicroelectronics

  TS514AIYD Datasheet HTML 1Page - STMicroelectronics TS514AIYD Datasheet HTML 2Page - STMicroelectronics TS514AIYD Datasheet HTML 3Page - STMicroelectronics TS514AIYD Datasheet HTML 4Page - STMicroelectronics TS514AIYD Datasheet HTML 5Page - STMicroelectronics TS514AIYD Datasheet HTML 6Page - STMicroelectronics TS514AIYD Datasheet HTML 7Page - STMicroelectronics TS514AIYD Datasheet HTML 8Page - STMicroelectronics TS514AIYD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
TS514 / TS514A
2/10
1
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±18
V
Vi
Input Voltage
Positive
Negative
+VCC
-Vcc - 0.5
V
Vid
(1)
1.
Differential voltages are with respect to the midpoint between Vcc+ and Vcc-.
Differential Input Voltage
±(VCC - 1)
V
ptot
Power Dissipation at Tamb = 70°C
(2)
2.
Power dissipation must be considered to ensure maximum junction temperature (Tj) is not exceeded.
400
mW
Tstg
Storage Temperature Range
-65 to +150
°C
Rthja
Thermal Resistance Junction to Ambient
SO14
DIP14
103
66
°C/W
ESD
HBM: Human Body Model(3)
3.
Human body model, 100pF discharged through a 1.5k
Ω resistor into pin of device.
2kV
MM: Machine Model(4)
4.
Machine model ESD, a 200pF cap is charged to the specified voltage, then discharged directly into the IC with
no external series resistor (internal resistor < 5
Ω), into pin to pin of device.
<200
V
CDM: Charged Device Model
1.5
kV
Table 2.
Operating conditions
Symbol
Parameter
Min
Max
Unit
VCC
+
Supply voltage
+3
+15
V
VCC
-
-3
-15
Toper
Operating Free Air Temperature Range
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com