Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL9NK30Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL9NK30Z
Description  N-CHANNEL 300V - 0.36ohm - 9A PowerFLAT™ Zener-Protected SuperMESH™ Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL9NK30Z Datasheet(HTML) 1 Page - STMicroelectronics

  STL9NK30Z Datasheet HTML 1Page - STMicroelectronics STL9NK30Z Datasheet HTML 2Page - STMicroelectronics STL9NK30Z Datasheet HTML 3Page - STMicroelectronics STL9NK30Z Datasheet HTML 4Page - STMicroelectronics STL9NK30Z Datasheet HTML 5Page - STMicroelectronics STL9NK30Z Datasheet HTML 6Page - STMicroelectronics STL9NK30Z Datasheet HTML 7Page - STMicroelectronics STL9NK30Z Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
August 2002
STL9NK30Z
N-CHANNEL 300V - 0.36
Ω - 9A PowerFLAT™
Zener-Protected SuperMESH™Power MOSFET
s
TYPICAL RDS(on) = 0.36 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
IMPROVED ESD CAPABILITY
s
100% AVALANCHE RATED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
s
LIGHTING
s
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID (1)
Pw (1)
STL9NK30Z
300 V
< 0.4
Ω
9A
75 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STL9NK30Z
L9NK30Z
PowerFLAT™ (5x5)
TAPE & REEL
PowerFLAT™(5x5)
(Chip Scale Package)
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STL9NK30Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL9N3LLH5 STMICROELECTRONICS-STL9N3LLH5 Datasheet
652Kb / 12P
N-channel 30 V, 0.015 Ω, 9 A, PowerFLAT??(3.3x3.3) STripFET™V Power MOSFET
09-Jul-2009
STL9N60M2 STMICROELECTRONICS-STL9N60M2 Datasheet
1Mb / 16P
N-channel 600 V, 0.76 Ω typ., 4.8 A MDmesh II Plus™ low Qg Power MOSFET in a PowerFLAT™ 5x6 HV package
17-Mar-2014
More results

Similar Description - STL9NK30Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL5NK65Z STMICROELECTRONICS-STL5NK65Z Datasheet
119Kb / 6P
N-CHANNEL 650V - 1.5ohm - 4.2A PowerFLAT™ Zener-Protected SuperMESH™ Power MOSFET
Apr-2002
STL6NK55Z STMICROELECTRONICS-STL6NK55Z Datasheet
215Kb / 8P
N-CHANNEL 550V - 1.2ohm- 5.2A PowerFLAT™ Zener-Protected SuperMESH™ Power MOSFET
Jul-2002
STP12NK30Z STMICROELECTRONICS-STP12NK30Z Datasheet
283Kb / 8P
N-CHANNEL 300V - 0.36ohm - 9A - TO-220 Zener-Protected SuperMESH™ Power MOSFET
Dec-2002
STD2NK60Z STMICROELECTRONICS-STD2NK60Z Datasheet
762Kb / 16P
Zener-Protected SuperMESH MOSFET
05-Sep-2005
STP7NK30Z STMICROELECTRONICS-STP7NK30Z Datasheet
266Kb / 10P
N-CHANNEL 300V-0.80ohm-5A TO-220/TO-220FP Zener-Protected SuperMESH Power MOSFET
Mar-2004
STY60NK30Z STMICROELECTRONICS-STY60NK30Z Datasheet
187Kb / 8P
N-CHANNEL 300V - 0.033ohm - 60A Max247 Zener-Protected SuperMESH Power MOSFET
Feb-2004
STP10NK50Z STMICROELECTRONICS-STP10NK50Z Datasheet
505Kb / 12P
N-CHANNEL 500V - 0.55??- 9A TO-220 / TO-220FP Zener-Protected SuperMESH MOSFET
08-Sep-2005
STW54NK30Z STMICROELECTRONICS-STW54NK30Z Datasheet
267Kb / 10P
N-CHANNEL 300V - 0.052??- 54A TO-247 Zener-Protected SuperMESH??MOSFET
31-Jan-2005
STP6NK90Z STMICROELECTRONICS-STP6NK90Z Datasheet
483Kb / 12P
N-channel 900V - 1.56 - 5.8A Zener-protected SuperMESH Power MOSFET
Mar-2003
STL8N80K5 STMICROELECTRONICS-STL8N80K5 Datasheet
1Mb / 17P
N-channel 800 V, 0.80 typ., 4.5 A Zener-protected SuperMESH 5 Power MOSFET in a PowerFLAT
19-Nov-2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com