Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1321 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NJW1321
Description  WIDE BAND VIDEO SWITCH WITH I2C BUS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NJW1321 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NJW1321 Datasheet HTML 3Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 4Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 5Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 6Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 7Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 8Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 9Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 10Page - List of Unclassifed Manufacturers NJW1321 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NJW1321
-7 -
s
s
s
s DEFINITION OF I
2C REGISTER
♦
♦
♦
♦I2C BUS FORMAT
MSB
LSB
MSB
LSB
MSB
LSB
S
Slave Address
A
Data
A
Data
A
P
1bit
8bit
1bit
8bit
1bit
8bit
1bit 1bit
S: Starting Term
A: Acknowledge Bit
P: Ending Term
♦
♦
♦
♦SLAVE ADDRESS
R/W: Set the Write Mode or Read Mode.
ADR : Set the Slave Address by “ADR” terminal.
Slave Address
Hex
MSB
LSB
-
1
0
0
0
0
0
ADR
R/W
-
x
x
x
x R/W = 0 : Write Mode, ADR = 0/1
-
1
0
0
1
0
1
0
0
94(h)
1
0
0
1
0
1
1
0
96(h)
x
x
x
x R/W = 1 : Read Mode, ADR = 0/1
-
1
0
0
1
0
1
0
1
95(h)
1
0
0
1
0
1
1
1
97(h)
♦
♦
♦
♦CONTROL REGISTER TABLE
< Write Mode >
BIT
No.
D7
D6
D5
D4
D3
D2
D1
D0
Data1
PS1
PS2
OUT1
OUT2
Data2
AUX0
AUX1
AUX2
AUX3
< Read Mode >
BIT
No.
D7
D6
D5
D4
D3
D2
D1
D0
Data
PORT0
PORT1
PORT2
PORT3
♦
♦
♦
♦CONTROL REGISTER DEFAULT VALUE
Control register default value is all “0”.
BIT
No.
D7
D6
D5
D4
D3
D2
D1
D0
Data1
0
0
0
0
0
0
0
0
Data2
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com