Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-R30W+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-R30W+
Description  High Reliability Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-R30W+ Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-R30W+ Datasheet HTML 1Page - Mini-Circuits ADE-R30W+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Level 7 (LO Power +7 dBm) 300 to 4000 MHz
High Reliability Mixer
Surface Mount
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
3
IF
2
GROUND
1,4,5
Outline Drawing
Electrical Specifications
REV. OR
M109914
ADE-R30W+
ED-12872/2
WL/TD/CP/AM
070516
Page 1 of 2
1 dB COMP.: +1 dBm typ.
m= mid band [2f
L to fU/2]
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ.
300-4000
DC-950
6.0
0.20
9.0
9.8
38 18
13 6
12
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
Electrical Schematic
ADE-R30W+
Features
• hermetically sealed ceramic quad
• low conversion loss, 6.0 dB typ.
• excellent L-R isolation, 38 dB typ.
• low profile package
• aqueous washable
• protected by U.S. patent 6,133,525
Applications
• cellular
• PCN
• instrumentation
• ISM
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
CASE STYLE: CD542
PRICE: $9.35 ea. QTY. (10-49)
220.00
250.00
6.05
54.31
36.33
3.04
6.63
320.00
350.00
5.28
50.04
33.50
1.97
4.59
420.00
450.00
5.10
48.09
32.21
1.47
3.90
620.00
650.00
4.99
45.12
30.84
1.22
3.19
820.00
850.00
5.19
42.90
29.52
1.98
2.74
1020.00
1050.00
5.78
46.25
27.01
3.00
2.11
1220.00
1250.00
6.09
49.86
18.05
3.36
1.81
1420.00
1450.00
5.96
52.17
14.47
3.01
1.87
1620.00
1650.00
6.38
38.54
13.08
2.72
2.05
1840.00
1870.00
6.82
39.68
11.88
3.27
2.33
2060.00
2090.00
7.12
45.23
11.40
3.79
2.70
2280.00
2310.00
7.05
51.67
11.39
3.77
3.12
2400.00
2430.00
7.20
49.37
11.46
3.46
3.47
2620.00
2650.00
7.14
42.78
11.25
3.32
3.72
2840.00
2870.00
6.69
39.28
10.57
3.04
3.97
3060.00
3090.00
6.63
33.16
9.61
2.47
3.37
3280.00
3310.00
6.03
31.58
10.64
1.66
2.65
3600.00
3630.00
5.91
30.06
13.14
1.02
3.26
3820.00
3850.00
6.63
30.25
14.23
1.59
3.93
4040.00
4070.00
7.92
30.47
14.24
2.45
4.91
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.


Similar Part No. - ADE-R30W+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R30W+ MINI-ADE-R30W+ Datasheet
302Kb / 2P
High Reliability Mixer
More results

Similar Description - ADE-R30W+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R272MH MINI-ADE-R272MH Datasheet
236Kb / 2P
High Reliability Mixer High Reliability Mixer
logo
International Rectifier
ASA2812S IRF-ASA2812S Datasheet
104Kb / 5P
HYBRID-HIGH RELIABILITY HYBRID-HIGH RELIABILITY
logo
Inchange Semiconductor ...
2SC2166 ISC-2SC2166 Datasheet
187Kb / 2P
High Reliability
logo
Mini-Circuits
SYM-R252HW MINI-SYM-R252HW Datasheet
467Kb / 3P
High Reliability Mixer
ADE-R2ASK MINI-ADE-R2ASK Datasheet
308Kb / 2P
High Reliability Mixer
ADE-R2ASKLH MINI-ADE-R2ASKLH Datasheet
310Kb / 2P
High Reliability Mixer
ADE-R11XLH MINI-ADE-R11XLH Datasheet
303Kb / 2P
High Reliability Mixer
ADE-R30W MINI-ADE-R30W Datasheet
302Kb / 2P
High Reliability Mixer
ADE-R30WLH MINI-ADE-R30WLH Datasheet
302Kb / 2P
High Reliability Mixer
ADEX-R10 MINI-ADEX-R10 Datasheet
299Kb / 2P
High Reliability Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com