Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS912 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS912
Description  Rail-to-rail CMOS dual operational amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS912 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS912_07 Datasheet HTML 10Page - STMicroelectronics TS912_07 Datasheet HTML 11Page - STMicroelectronics TS912_07 Datasheet HTML 12Page - STMicroelectronics TS912_07 Datasheet HTML 13Page - STMicroelectronics TS912_07 Datasheet HTML 14Page - STMicroelectronics TS912_07 Datasheet HTML 15Page - STMicroelectronics TS912_07 Datasheet HTML 16Page - STMicroelectronics TS912_07 Datasheet HTML 17Page - STMicroelectronics TS912_07 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
TS912
Ordering information
17/18
6
Ordering information
7
Revision history
Table 6.
Order codes
Part number
Temperature
range
Package
Packing
Marking
TS912IN
-40°C, +125°C
DIP8
Tube
TS912IN
TS912AIN
TS912AIN
TS912ID
TS912IDT
SO-8
Tube or
Tape & reel
912I
TS912AID
TS912AIDT
912AI
TS912BID
TS912BIDT
912BI
TS912IYD
TS912IYDT(1)
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent.
SO-8
(Automotive grade level)
912IY
TS912AIYD
TS912AIYDT(1)
912AIY
TS912BIYD
TS912BIYDT(1)
912BY
Table 7.
Document revision history
Date
Revision
Changes
4-Dec.-2001
1
First release.
31-Jul-2005
2
PPAP references inserted in the datasheet, see order codes table.
ESD protection inserted in AMR table.
3-Oct-2005
3
Some errors in the Order Codes table were corrected.
Reorganization of Section 4: Macromodel.
13-Feb- 2006
4
Parameters added in AMR table (Tj, ESD, Rthja, Rthjc).
16-Oct-2007
5
Corrected units and ESD footnotes in Table 1: Absolute maximum
ratings.
Corrected misalignments in electrical characteristics table.
Updated Section 4: Macromodel.
Added missing automotive grade order codes and footnote in
Table 6: Order codes.
Format update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com