Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1871 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS1871
Description  1.8V input/output rail-to-rail low power operational amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1871 Datasheet(HTML) 3 Page - STMicroelectronics

  TS1871 Datasheet HTML 1Page - STMicroelectronics TS1871 Datasheet HTML 2Page - STMicroelectronics TS1871 Datasheet HTML 3Page - STMicroelectronics TS1871 Datasheet HTML 4Page - STMicroelectronics TS1871 Datasheet HTML 5Page - STMicroelectronics TS1871 Datasheet HTML 6Page - STMicroelectronics TS1871 Datasheet HTML 7Page - STMicroelectronics TS1871 Datasheet HTML 8Page - STMicroelectronics TS1871 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TS1871-TS1872-TS1874
Absolute maximum ratings and operating conditions
3/26
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
7V
Vid
Differential input voltage(2)
±1
V
Vin
Input voltage
VDD -0.3 to VCC +0.3
V
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient (3)
SOT23-5
DIP8
DIP14
MiniSO-8
SO-8
SO-14
TSSOP8
TSSOP14
250
85
66
190
125
103
120
100
°C/W
Rthjc
Thermal resistance junction to case
SOT23-5
DIP8
DIP14
MiniSO-8
SO-8
SO-14
TSSOP8
TSSOP14
81
41
33
39
40
31
37
32
°C/W
ESD
HBM: human body model(4)
MM: machine model(5)
CDM: charged device model(6)
2
200
1.5
kV
V
kV
Latch-up immunity
200
mA
Lead temperature (soldering, 10 sec)
250
°C
Output short-circuit duration
see note(7)
1.
All voltage values, except differential voltage are with respect to network terminal.
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. If Vid > ±1V, the
maximum input current must not exceed ±1mA. When Vid > ±1V, add an input series resistor to limit input current.
3.
Short-circuits can cause excessive heating. Destructive dissipation can result from simultaneous short-circuits on all
amplifiers.
4.
Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a 1.5k
Ω resistor
between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating.
5.
Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between two pins of the
device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of connected pin combinations
while the other pins are floating.
6.
Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly
to the ground through only one pin. This is done for all pins.
7.
Short-circuits from the output to VCC can cause excessive heating. The maximum output current is approximately 80mA,
independent of the magnitude of VCC. Destructive dissipation can result from simultaneous short-circuits on all amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com