Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH70 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH70
Description  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH70 Datasheet(HTML) 3 Page - STMicroelectronics

  TSH70 Datasheet HTML 1Page - STMicroelectronics TSH70 Datasheet HTML 2Page - STMicroelectronics TSH70 Datasheet HTML 3Page - STMicroelectronics TSH70 Datasheet HTML 4Page - STMicroelectronics TSH70 Datasheet HTML 5Page - STMicroelectronics TSH70 Datasheet HTML 6Page - STMicroelectronics TSH70 Datasheet HTML 7Page - STMicroelectronics TSH70 Datasheet HTML 8Page - STMicroelectronics TSH70 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TSH70,71,72,73,74,75
Typical Application: Video Driver
3/33
2
Typical Application: Video Driver
A typical application for the TSH7x family is that of video driver for driving STi7xxx DAC
outputs on 75-ohm lines.
Figure 1 show the benefits of the TSH7x family as single supply drivers.
Figure 1.
Benefits of TSH7x family: +3V or +5V single supply solution
+5V
75
75
Ω Cable
75
2Vpp
1Vpp
1Vpp
Video
DAC
LPF
Reconstruction
Filtering
Y,G
75
75
Ω Cable
75
Video
DAC
Pb,B
75
Video
DAC
Pr,R
TV
TSH73
75
Ω Cable
75
LPF
Reconstruction
Filtering
LPF
Reconstruction
Filtering
1.4Vpp
1.4Vpp
0.7Vpp
0.7Vpp
1.4Vpp
1.4Vpp
0.7Vpp
0.7Vpp
GND
+
_
+
_
+
_
+
_
+
_
+
_
Vcc=+5V
Vcc=+3V
2Vp-p
GND
50mV
1Vp-p
GND
100mV
Gain=2
+
_
GND
GND
+5V
VOL=40mVmax.
(Tested)
VOH=4.2Vmin.
(Tested)
2Vp-p
GND
100mV
VOL=30mVmax.
(Tested)
VOH=2.45Vmin.
(Tested)
2.1V
2.1V
1k
1k
+3V
-5V
Video DAC’s outputs:
Bottom of
synchronization tip
around 50mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com