Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH72 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TSH72
Description  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH72 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TSH72 Datasheet HTML 25Page - STMicroelectronics TSH72 Datasheet HTML 26Page - STMicroelectronics TSH72 Datasheet HTML 27Page - STMicroelectronics TSH72 Datasheet HTML 28Page - STMicroelectronics TSH72 Datasheet HTML 29Page - STMicroelectronics TSH72 Datasheet HTML 30Page - STMicroelectronics TSH72 Datasheet HTML 31Page - STMicroelectronics TSH72 Datasheet HTML 32Page - STMicroelectronics TSH72 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Revision History
TSH70,71,72,73,74,75
32/33
7
Revision History
Table 9.
Document revision history
Date
Revision
Changes
Nov. 2000
1
First Release.
Aug. 2002
2
Limit min. of Isink from 24mA to 20mA (only on 3V power
supply).
Reason: yield improvement.
May 2006
3
Improvement of VOL max. at 3V and 5V power supply on 150-
ohm load connected to GND (pages 6 and 8).
Reason: TSH7x can drive video signals from DACs to lines in
single supply (3V or 5V) without any DC level change of the
video signals.
Grammatical and typographical changes throughout.
Package mechanical data updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com