Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH80 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH80
Description  Wide band rail-to-rail operational amplifier with standby function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80 Datasheet(HTML) 4 Page - STMicroelectronics

  TSH80 Datasheet HTML 1Page - STMicroelectronics TSH80 Datasheet HTML 2Page - STMicroelectronics TSH80 Datasheet HTML 3Page - STMicroelectronics TSH80 Datasheet HTML 4Page - STMicroelectronics TSH80 Datasheet HTML 5Page - STMicroelectronics TSH80 Datasheet HTML 6Page - STMicroelectronics TSH80 Datasheet HTML 7Page - STMicroelectronics TSH80 Datasheet HTML 8Page - STMicroelectronics TSH80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Electrical characteristics
TSH80-TSH81-TSH82
4/24
2
Electrical characteristics
Table 3.
VCC
+ = +5V, V
CC
- = GND, V
ic = 2.5V, Tamb = 25
°C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
|Vio|
Input offset voltage
Tamb= 25°C
Tmin < Tamb < Tmax
1.1
10
12
mV
ΔVio
Input offset voltage drift vs.
temperature
Tmin < Tamb < Tmax
3
μV/°C
Iio
Input offset current
Tamb= 25°C
Tmin < Tamb < Tmax
0.1
3.5
5
μA
Iib
Input bias current
Tamb= 25°C
Tmin < Tamb < Tmax
615
20
μA
Cin
Input capacitance
0.3
pF
ICC
Supply current per operator
Tamb= 25°C
Tmin < Tamb < Tmax
8.2
10.5
11.5
mA
CMR
Common mode rejection ratio
(
δVic/δVio)
+0.1<Vic<3.9V and Vout=2.5V
Tamb= 25°C
Tmin < Tamb < Tmax
72
70
97
dB
SVR
Supply voltage rejection ratio
(
δVCC/δVio)
Tamb= 25°C
Tmin < Tamb < Tmax
68
65
75
dB
PSR
Power supply rejection ratio
(
δVCC/δVout)
Positive & negative rail
75
dB
Avd
Large signal voltage gain
RL=150Ω connected to 1.5V
and Vout=1V to 4V
Tamb= 25°C
Tmin < Tamb < Tmax
75
70
84
dB
Io
|Source|
Vid=+1, Vout connected to 1.5V
Tamb= 25°C
Tmin < Tamb < Tmax
35
28
55
mA
Sink
Vid=-1, Vout connected to 1.5V
Tamb= 25°C
Tmin < Tamb < Tmax
33
28
55
Voh
High level output voltage
Tamb= 25°C
RL = 150Ω connected to GND
RL = 600Ω connected to GND
RL = 2kΩ connected to GND
RL = 10kΩ connected to GND
RL = 150Ω connected to 2.5V
RL = 600Ω connected to 2.5V
RL = 2kΩ connected to 2.5V
RL = 10kΩ connected to 2.5V
Tmin < Tamb < Tmax
RL = 150Ω connected to GND
RL = 150Ω connected to 2.5V
4.2
4.5
4.1
4.4
4.36
4.85
4.90
4.93
4.66
4.90
4.92
4.93
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com