Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC101AIYLT Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSC101AIYLT
Description  High side current sense amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC101AIYLT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSC101AIYLT Datasheet HTML 9Page - STMicroelectronics TSC101AIYLT Datasheet HTML 10Page - STMicroelectronics TSC101AIYLT Datasheet HTML 11Page - STMicroelectronics TSC101AIYLT Datasheet HTML 12Page - STMicroelectronics TSC101AIYLT Datasheet HTML 13Page - STMicroelectronics TSC101AIYLT Datasheet HTML 14Page - STMicroelectronics TSC101AIYLT Datasheet HTML 15Page - STMicroelectronics TSC101AIYLT Datasheet HTML 16Page - STMicroelectronics TSC101AIYLT Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Ordering information
TSC101
16/17
7
Ordering information
8
Revision history
Table 9.
Order codes
Part number
Temperature
range
Package
Packaging
Marking
Gain
TSC101AILT
-40°C, +125°C
SOT23-5
Tape & reel
O104
20
TSC101BILT
O105
50
TSC101CILT
O106
100
TSC101AIYLT(1)
-40°C, +125°C
SOT23-5
(Automotive grade)
Tape & reel
O101
20
TSC101BIYLT(1)
O102
50
TSC101CIYLT(1)
O103
100
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 & Q 002 or equivalent are on-going.
Table 10.
Document revision history
Date
Revision
Changes
5-Mar-2007
Rev 1
First release, preliminary data.
22-Oct-2007
Rev 2
Document status promoted from preliminary data to datasheet.
Added test results in electrical characteristics tables.
Added electrical characteristics curves.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com