Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH93 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSH93
Description  High-speed low power triple operational amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH93 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSH93 Datasheet HTML 5Page - STMicroelectronics TSH93 Datasheet HTML 6Page - STMicroelectronics TSH93 Datasheet HTML 7Page - STMicroelectronics TSH93 Datasheet HTML 8Page - STMicroelectronics TSH93 Datasheet HTML 9Page - STMicroelectronics TSH93 Datasheet HTML 10Page - STMicroelectronics TSH93 Datasheet HTML 11Page - STMicroelectronics TSH93 Datasheet HTML 12Page - STMicroelectronics TSH93 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Ordering information
TSH93
12/13
7
Ordering information
8
Revision history
Table 5.
Order codes
Part number
Temperature range
Package
Packaging
Marking
TSH93ID
TSH93IDT
-40°C, +125°C
SO-14
Tube or
Tape & reel
H93
TSH93IYD
TSH93IYDT(1)
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent are on-going.
SO-14
(Automotive grade level)
Tube or
Tape & reel
H93Y
Table 6.
Document revision history
Date
Revision
Changes
31-Oct-2000
1
First release.
1-Aug- 2005
3
PPAP references inserted in the datasheet see Order Codes table on
page 1.
24-Oct -2007
3
Added ESD parameters in Table 1: Absolute maximum ratings
(AMR).
PPAP footnote inserted in the datasheet see Table 5: Order codes on
page 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com