Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH80IYLT Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSH80IYLT
Description  Wide band rail-to-rail operational amplifier with standby function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80IYLT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSH80IYLT Datasheet HTML 16Page - STMicroelectronics TSH80IYLT Datasheet HTML 17Page - STMicroelectronics TSH80IYLT Datasheet HTML 18Page - STMicroelectronics TSH80IYLT Datasheet HTML 19Page - STMicroelectronics TSH80IYLT Datasheet HTML 20Page - STMicroelectronics TSH80IYLT Datasheet HTML 21Page - STMicroelectronics TSH80IYLT Datasheet HTML 22Page - STMicroelectronics TSH80IYLT Datasheet HTML 23Page - STMicroelectronics TSH80IYLT Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
TSH80-TSH81-TSH82
Package information
21/24
5.2
TSSOP8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.2
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.008
D
2.90
3.00
3.10
0.114
0.118
0.122
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
0.65
0.0256
k
0°8°
0°8°
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1
0.039
aaa
0.1
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com