Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH80ID Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSH80ID
Description  Wide band rail-to-rail operational amplifier with standby function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80ID Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSH80ID Datasheet HTML 11Page - STMicroelectronics TSH80ID Datasheet HTML 12Page - STMicroelectronics TSH80ID Datasheet HTML 13Page - STMicroelectronics TSH80ID Datasheet HTML 14Page - STMicroelectronics TSH80ID Datasheet HTML 15Page - STMicroelectronics TSH80ID Datasheet HTML 16Page - STMicroelectronics TSH80ID Datasheet HTML 17Page - STMicroelectronics TSH80ID Datasheet HTML 18Page - STMicroelectronics TSH80ID Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
TSH80-TSH81-TSH82
Test conditions
15/24
3
Test conditions
3.1
Layout precautions
To use the TSH8X circuits in the best manner at high frequencies, some precautions have to
be taken for power supplies:
●
In high-speed circuit applications, the implementation of a proper ground plane on both
sides of the PCB is mandatory to ensure low inductance and low resistance common
return.
●
Power supply bypass capacitors (4.7µF and ceramic 100pF) should be placed as close
as possible to the IC pins in order to improve high frequency bypassing and reduce
harmonic distortion. The power supply capacitors must be incorporated for both the
negative and the positive pins.
●
All inputs and outputs must be properly terminated with output resistors; thus, the
amplifier load is resistive only and the stability of the amplifier will be improved.
All leads must be wide and as short as possible especially for op-amp inputs and
outputs in order to decrease parasitic capacitance and inductance.
●
In lower gain applications, use a low feedback resistance (under 1k
Ω) to reduce the
time constant with parasitic capacitance.
●
Choose component sizes as small as possible (SMD).
●
On the output, the load capacitance must be negligible to maintain good stability. You
can put a serial resistance as close as possible to the output pin to minimize the effect
of the load capacitance.
Figure 31.
CCIR330 video line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com