Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH111 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSH111
Description  Wide band low noise operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH111 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSH111 Datasheet HTML 7Page - STMicroelectronics TSH111 Datasheet HTML 8Page - STMicroelectronics TSH111 Datasheet HTML 9Page - STMicroelectronics TSH111 Datasheet HTML 10Page - STMicroelectronics TSH111 Datasheet HTML 11Page - STMicroelectronics TSH111 Datasheet HTML 12Page - STMicroelectronics TSH111 Datasheet HTML 13Page - STMicroelectronics TSH111 Datasheet HTML 14Page - STMicroelectronics TSH111 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Ordering information
TSH110-TSH111-TSH112-TSH113-TSH114
14/15
5
Ordering information
6
Revision history
Table 8.
Order codes
Part number
Temperature range
Package
Packing
Marking
TSH110ILT
-40°C to +85°C
SOT23-5
Tape & reel
K302
TSH110IYLT(1)
SOT23-5
(Automotive grade level)
Tape & reel
K309
TSH111ID
TSH111IDT
SO-8
Tube or
Tape & reel
H111I
TSH111IPT
TSSOP8
(Thin shrink outline package)
Tape & reel
H111I
TSH112ID
TSH112IDT
SO-8
Tube or
Tape & reel
H112I
TSH112IPT
TSSOP8
(Thin shrink outline package)
Tape & reel
H112I
TSH113ID
TSH113IDT
SO-14
Tube or
Tape & reel
TSH113I
TSH113IPT
TSSOP14
Tape & reel
TSH113I
TSH114ID
TSH114IDT
SO-14
Tube or
Tape & reel
TSH114I
TSH114IPT
TSSOP14
Tape & reel
TSH114I
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 & Q 002 or equivalent are on-going.
Table 9.
Document revision history
Date
Revision
Changes
4-Oct-2001
1
Initial release.
22-Oct-2007
2
Added TSH110ILT/TSH110IYLT order codes to Table 8: Order codes.
Document reformatted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com