Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH341 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH341
Description  300MHz Single Supply Video Amplifier with Low In,Out Rail
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH341 Datasheet(HTML) 3 Page - STMicroelectronics

  TSH341 Datasheet HTML 1Page - STMicroelectronics TSH341 Datasheet HTML 2Page - STMicroelectronics TSH341 Datasheet HTML 3Page - STMicroelectronics TSH341 Datasheet HTML 4Page - STMicroelectronics TSH341 Datasheet HTML 5Page - STMicroelectronics TSH341 Datasheet HTML 6Page - STMicroelectronics TSH341 Datasheet HTML 7Page - STMicroelectronics TSH341 Datasheet HTML 8Page - STMicroelectronics TSH341 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Electrical Characteristics
TSH341
3/13
2 Electrical Characteristics
Table 3.
V
CC = +5V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DC Performance
Vio
Input Offset Voltage
Tamb, Vicm=0.6V
-15
-3
15
mV
-40°C < Tamb < +85°C
-5
∆V
io
Vio drift vs. Temperature
-40°C < Tamb < +85°C
-30
µV/°C
Iib
Input Bias Current
Tamb, Vicm=0.6V
616
µA
-40°C < Tamb < +85°C
7.2
AVD
Open Loop Gain
∆V
OUT=2V, RL=150Ω
70
100
dB
CMR
Common Mode Rejection Ratio
20 log (
∆V
icm/∆Vio)
∆V
icm = 2V
-60
-85
dB
-40°C < Tamb < +85°C
-83
SVR
Supply Voltage Rejection Ratio
20 log (
∆V
cc/∆Vio)
∆V
cc=4V to 5V, Vicm=0.6V
-60
-85
dB
-40°C < Tamb < +85°C
-84
PSR
Power Supply Rejection Ratio
20 log (
∆V
cc/∆Vout)
∆V
cc=200mVp-p, F=1MHz
-77
dB
RIN
Input Resistance
8.2
M
CIN
Input Capacitance
3.5
pF
ICC
Total Supply Current
No Load, Vicm=0.6V
9.8
12.7
mA
Dynamic Performance and Output Characteristics
Bw
-3dB Bandwidth
Small Signal VOUT=20mVp
Vicm=0.6V, RL=150Ω
Gain=+1
Gain=+2
90
300
150
MHz
Gain Flatness @ 0.1dB
Small Signal VOUT=20mVp
Gain=+2, Vicm=0.6V,
RL=150
65
FPBW
Full Power Bandwidth
Vicm=2V, VOUT = 2Vp-p,
Gain=1, RL = 150Ω
70
100
MHz
SR
Slew Rate
VOUT=2Vp-p, RL=150Ω,
Gain=+2,
400
V/
µs
VOH
High Level Output Voltage
RL = 150Ω
3.7
3.9
V
VOL
Low Level Output Voltage
RL = 150Ω
40
60
mV
IOUT
Output Short Circuit Current
Tamb
70
100
mA
-40°C < Tamb < +85°C
90
Noise and Distortion
eN
Equivalent Input Noise Voltage
F = 100kHz
7
nV/
√Hz
iN
Equivalent Input Noise Current (+)
F = 100kHz
1.5
pA/
√Hz
HD2
2nd Harmonic Distortion
VOUT= 2Vp-p, RL = 150Ω
Gain=+2, F= 10MHz,
-57
dBc
HD3
3rd Harmonic Distortion
VOUT= 2Vp-p, RL = 150Ω
Gain=+2, F= 10MHz,
-63
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com