Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH112 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH112
Description  Wide band low noise operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH112 Datasheet(HTML) 3 Page - STMicroelectronics

  TSH112 Datasheet HTML 1Page - STMicroelectronics TSH112 Datasheet HTML 2Page - STMicroelectronics TSH112 Datasheet HTML 3Page - STMicroelectronics TSH112 Datasheet HTML 4Page - STMicroelectronics TSH112 Datasheet HTML 5Page - STMicroelectronics TSH112 Datasheet HTML 6Page - STMicroelectronics TSH112 Datasheet HTML 7Page - STMicroelectronics TSH112 Datasheet HTML 8Page - STMicroelectronics TSH112 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TSH110-TSH111-TSH112-TSH113-TSH114
Electrical characteristics
3/15
2
Electrical characteristics
Table 3.
Dual supply voltage, VCC= ±2.5V, Rfb
(1)= 680Ω, Tamb = 25°C (unless otherwise
specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Input offset voltage
Tamb
-1.5
0.3
2.0
mV
Tmin < Tamb < Tmax
1mV
ΔVio
Input offset voltage drift vs. temperature
Tmin < Tamb < Tmax
5
μV/°C
Iib+
Non inverting input bias current
Tamb
-10
1.4
13
μA
Tmin < Tamb < Tmax
2.5
μA
Iib-
Inverting input bias current
Tamb
-3
1.9
7
μA
Tmin < Tamb < Tmax
2.5
μA
ROL
Transimpedance
RL=100Ω
500
750
k
Ω
ICC
Supply current per operator
Tamb
3.2
4
mA
Tmin < Tamb < Tmax
3.5
mA
CMR
Common mode rejection ratio
(
ΔVic/ΔVio)
56
60
dB
SVR
Supply voltage rejection ratio
(
ΔVCC/ΔVio)
70
80
dB
PSR
Power supply rejection ratio
(
ΔVCC/ΔVout)
Gain=1, Rload=3.9kΩ
48
dB
Dynamic performance and output characteristics
Voh
High level output voltage
Tamb
RL = 100Ω
1.4
2
V
Tmin < Tamb < Tmax
RL = 100Ω GND
1.9
V
Vol
Low level output voltage
Tamb
R
L = 100
Ω
-1.8
-1.3
V
Tmin < Tamb < Tmax
RL = 100Ω
-1.7
V
| Isink |
Output sink current
Tmin < Tamb < Tmax
20
mA
Isource
Output source current
Tmin < Tamb < Tmax
18
mA
BW
-3dB bandwidth
Vout=1Vpk, Rfb
(1)=820Ω//2pF
Load=100
Ω
AVCL=+2
81
MHz
SR
Slew rate
AVCL=+2, 2V step
Load=100
Ω
160
230
V/
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com