Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH71CD Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSH71CD
Description  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH71CD Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSH71CD Datasheet HTML 17Page - STMicroelectronics TSH71CD Datasheet HTML 18Page - STMicroelectronics TSH71CD Datasheet HTML 19Page - STMicroelectronics TSH71CD Datasheet HTML 20Page - STMicroelectronics TSH71CD Datasheet HTML 21Page - STMicroelectronics TSH71CD Datasheet HTML 22Page - STMicroelectronics TSH71CD Datasheet HTML 23Page - STMicroelectronics TSH71CD Datasheet HTML 24Page - STMicroelectronics TSH71CD Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
TSH70,71,72,73,74,75
Testing Conditions
21/33
5
Testing Conditions
5.1
Layout precautions
To use the TSH7X circuits in the best manner at high frequencies, some precautions have to
be taken for power supplies:
– First of all, the implementation of a proper ground plane in both sides of the PCB is
mandatory for high speed circuit applications to provide low inductance and low
resistance common return.
– Power supply bypass capacitors (4.7uF and ceramic 100pF) should be placed as
close as possible to the IC pins in order to improve high frequency bypassing and
reduce harmonic distortion. The power supply capacitors must be incorporated for
both the negative and the positive pins.
●
Proper termination of all inputs and outputs must be in accordance with output
termination resistors; in this way, the amplifier load will be resistive only, and the
stability of the amplifier will be improved.
●
All leads must be wide and as short as possible (especially for op-amp inputs and
outputs) in order to decrease parasitic capacitance and inductance.
●
For lower gain applications, care should be taken to avoid large feedback resistance
(>1k
Ω) in order to reduce the time constant of parasitic capacitances.
●
Choose component sizes as small as possible (SMD).
●
Finally, on output, the load capacitance must be negligible to maintain good stability.
You can put a serial resistance as close as possible to the output pin to minimize
capacitance.
5.2
Maximum input level
Figure 47. CCIR330 video line
The input level must not exceed the following values:
●
negative peak: must be greater than -VCC+400mV.
●
positive peak value: must be lower than +VCC-400mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com