Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH71CDT Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSH71CDT
Description  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH71CDT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSH71CDT Datasheet HTML 14Page - STMicroelectronics TSH71CDT Datasheet HTML 15Page - STMicroelectronics TSH71CDT Datasheet HTML 16Page - STMicroelectronics TSH71CDT Datasheet HTML 17Page - STMicroelectronics TSH71CDT Datasheet HTML 18Page - STMicroelectronics TSH71CDT Datasheet HTML 19Page - STMicroelectronics TSH71CDT Datasheet HTML 20Page - STMicroelectronics TSH71CDT Datasheet HTML 21Page - STMicroelectronics TSH71CDT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Electrical Characteristics
TSH70,71,72,73,74,75
18/33
4.4
Characteristic curves for VCC=10V
Figure 32. Closed loop gain and phase vs.
frequency
(Gain = +2, VCC = ±5V,
RL = 150Ω, Tamb = 25
°C)
Figure 33. Overshoot function of output
capacitance
(Gain = +2, VCC = ±5V,
Tamb = 25
°C)
Figure 34. Closed loop gain and phase vs.
frequency
(Gain = -10, VCC = ±5V,
RL = 150Ω, Tamb = 25
°C)
Figure 35. Closed Loop Gain and Phase vs.
Frequency
(Gain = +11, VCC = ±5V,
RL = 150Ω, Tamb = 25
°C)
Figure 36. Large signal measurement - positive
slew rate
(Gain = 2,VCC = ±5V,
ZL = 150Ω//5.6pF)
Figure 37. Large Signal Measurement -
Negative Slew Rate
(Gain = 2
VCC = ±5V, ZL = 150Ω//5.6pF)
1E+4
1E+5
1E+6
1E+7
1E+8
1E+9
Frequency (Hz)
-15
-10
-5
0
5
10
-200
-100
0
100
200
Gain
Phase
1E+6
1E+7
1E+8
1E+9
Frequency (Hz)
-5
0
5
10
150
Ω
150
Ω//10pF
150
Ω//33pF
150
Ω//22pF
1E+4
1E+5
1E+6
1E+7
1E+8
1E+9
Frequency (Hz)
-10
0
10
20
30
-50
0
50
100
150
200
Gain
Phase
1E+4
1E+5
1E+6
1E+7
1E+8
1E+9
Frequency (Hz)
-10
0
10
20
30
-150
-100
-50
0
Gain
Phase
0
2040
6080
100
Time (ns)
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
20406080
100
Time (ns)
-5
-4
-3
-2
-1
0
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com