Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN751S Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN751S
Description  High side driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN751S Datasheet(HTML) 5 Page - STMicroelectronics

  VN751S Datasheet HTML 1Page - STMicroelectronics VN751S Datasheet HTML 2Page - STMicroelectronics VN751S Datasheet HTML 3Page - STMicroelectronics VN751S Datasheet HTML 4Page - STMicroelectronics VN751S Datasheet HTML 5Page - STMicroelectronics VN751S Datasheet HTML 6Page - STMicroelectronics VN751S Datasheet HTML 7Page - STMicroelectronics VN751S Datasheet HTML 8Page - STMicroelectronics VN751S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
VN751S
Electrical characteristics
5/17
3
Electrical characteristics
8 V < VCC < 36 V; -40 °C < TJ < 125 °C, unless otherwise specified
Table 3.
Power
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VCC
Operating supply
voltage
5.5
36
V
VUSD
Undervoltage
shut-down
34
5.5
V
VOV
Overvoltage
shut-down
36
V
RON
On state resistance
IOUT = 2 A; TJ = 25 °C
IOUT = 2 A
60
180
m
m
IS
Supply current
Off state; VCC = 24 V; TCASE =25 °C
On state; VCC = 24 V
On state; VCC = 24 V;TCASE =100 °C
10
1.5
20
1.8
µA
mA
mA
IL(off)
Off state output
current
VIN = VOUT = 0 V
010
µA
Table 4.
Switching ( VCC = 24 V )
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
td(on)
Turn-on delay time
RL = 12 Ω from VIN rising edge to
VOUT = 2.4 V
12
µs
td(off)
Turn-off delay time
RL = 12 Ω from VIN falling edge to
VOUT = 21.6 V
35
µs
dVOUT/dt(on)
Turn -on voltage
slope
RL = 12Ω from VOUT = 2.4 V to
VOUT = 19.2 V
0.80
V/
µs
dVOUT/dt(off)
Turn -off voltage
slope
RL = 12 Ω from VOUT = 21.6 V to
VOUT = 2.4 V
0.30
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com