Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F256P30T95 Datasheet(PDF) 21 Page - Numonyx B.V

Part # JS28F256P30T95
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F256P30T95 Datasheet(HTML) 21 Page - Numonyx B.V

Back Button JS28F256P30T95 Datasheet HTML 17Page - Numonyx B.V JS28F256P30T95 Datasheet HTML 18Page - Numonyx B.V JS28F256P30T95 Datasheet HTML 19Page - Numonyx B.V JS28F256P30T95 Datasheet HTML 20Page - Numonyx B.V JS28F256P30T95 Datasheet HTML 21Page - Numonyx B.V JS28F256P30T95 Datasheet HTML 22Page - Numonyx B.V JS28F256P30T95 Datasheet HTML 23Page - Numonyx B.V JS28F256P30T95 Datasheet HTML 24Page - Numonyx B.V JS28F256P30T95 Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
21
P30
4.3
Dual-Die Configurations
Note:
Amax = Vih selects the Top parameter Die; Amax = Vil selects the Bottom Parameter Die.
VCC
Power
Device Core Power Supply: Core (logic) source voltage. Writes to the flash array are inhibited
when VCC ≤ VLKO. Operations at invalid VCC voltages should not be attempted.
VCCQ
Power
Output Power Supply: Output-driver source voltage.
VSS
Power
Ground: Connect to system ground. Do not float any VSS connection.
RFU
—
Reserved for Future Use: Reserved by Numonyx for future device functionality and enhancement.
These should be treated in the same way as a Do Not Use (DU) signal.
DU
—
Do Not Use: Do not connect to any other signal, or power supply; must be left floating.
NC
—
No Connect: No internal connection; can be driven or floated.
Table 6:
QUAD+ SCSP Signal Descriptions (Sheet 2 of 2)
Symbol
Type
Name and Function
Figure 9: 512-Mbit Easy BGA and TSOP Top or Bottom Parameter Block Diagram
Top Param Die
(256-Mbit)
Bottom Param Die
(256-Mbit)
WP#
CLK
CE#
ADV#
OE#
WAIT
WE#
RST#
VCC
VPP
DQ[15:0]
A[MAX:1]
VCCQ
VSS
Easy BGA & TSOP 512-Mbit (Dual-Die) Top or Bottom Parameter
Configuration
Figure 10: 512-Mbit QUAD+ SCSP Top or Bottom Parameter Block Diagram
Top Param Die
(256-Mbit)
Bottom Param Die
(256-Mbit)
WP#
CLK
F1-CE#
ADV#
OE#
WAIT
WE#
RST#
VCC
VPP
DQ[15:0]
A[MAX:0]
VCCQ
VSS
QUAD+ 512-Mbit (Dual-Die) Top or Bottom Parameter
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com