Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3055Q Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLC3055Q
Description  WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055Q Datasheet(HTML) 5 Page - STMicroelectronics

  STLC3055Q Datasheet HTML 1Page - STMicroelectronics STLC3055Q Datasheet HTML 2Page - STMicroelectronics STLC3055Q Datasheet HTML 3Page - STMicroelectronics STLC3055Q Datasheet HTML 4Page - STMicroelectronics STLC3055Q Datasheet HTML 5Page - STMicroelectronics STLC3055Q Datasheet HTML 6Page - STMicroelectronics STLC3055Q Datasheet HTML 7Page - STMicroelectronics STLC3055Q Datasheet HTML 8Page - STMicroelectronics STLC3055Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
The DC/DC converter controller is driving an ex-
ternal power MOS transistor (P-Channel) in order
to generate the negative battery voltage needed
for device operation.
The DC/DC converter controller is synchronised
with an external CLK (125KHZ typ.).
From version marked STLC3055 A5, it can be
synchronised to an internal clock generated when
the pin CLK is connected to CVCC. One sensing
resistor in series to Vpos supply allows to fix the
maximum allowed input peak current. This feature
is implemented in order to avoid overload on
Vpos supply in case of line transient (ex. ring trip
detection).
The typical value is obtained for a sensing resis-
tor equal to 110m
Ω that will guarantee an aver-
age current consumption from Vpos < 700mA.
When in on-hook the self generated battery volt-
age is set to a predefined value.
This value can be adjusted via one external resis-
tor (RF1) and it is typical -50V. When RING mode
is selected this value is increased to -70V typ.
Once the line goes in off-hook condition, the
DC/DC converter automatically adjust the gener-
ated battery voltage in order to feed the line with
a fixed DC current (programmable via RLIM) opti-
mising in this way the power dissipation.
OPERATING MODES
Power Down
DC CHARACTERISTIC & SUPERVISION
When this mode is selected the SLIC is switched
off and the TIP and RING pins are in high imped-
ance. Also the line detectors are disabled there-
fore the off-hook condition cannot be detected.
This mode can be selected in emergency condi-
tion when it is necessary to cut any current deliv-
ered to the line.
This mode is also forced by STLC3055 in case of
thermal overload (Tj > 140
°C).
In this case the device goes back to the previous
status as soon as the junction temperature de-
crease under the hysteresis threshold.
AC CHARACTERISTICS
The 2W port is set in high impedance, the TX
output buffer is a low impedance output, no AC
transmission is possible.
High Impedance Feeding (HI-Z)
DC CHARACTERISTIC & SUPERVISION
This operating mode is normally selected when
the telephone is in on-hook in order to monitor the
line status keeping the power consumption at the
minimum.
The output voltage in on-hook condition is equal
to the self generated battery voltage (-50V typ).
When off-hook occurs the DET becomes active
(low logic level).
The off-hook threshold in HI-Z mode is the same
value as programmed in ACTIVE mode.
The DC characteristic in HI-Z mode is just equal
to the self generated battery with 2x(1500W+Rp)
in series (see fig.1), where Rp is the external pro-
tection resistance.
AC CHARACTERISTICS
The AC impedance shown at the 2W port
(TIP/RING) is the same as the DC
one. The
TIP/RING AC impedance will be 2x(1500
Ω + Rp)
or high impedance.
Active
DC CHARACTERISTICS & SUPERVISION
When this mode is selected the STLC3055 pro-
vides both DC feeding and AC transmission.
The STLC3055 feeds the line with a constant cur-
rent fixed by RLIM (20mA to 40mA range). The
on-hook voltage is typically 40V allowing on-hook
transmission; the self generated Vbat is -50V typ.
If the loop resistance is very high and
the line
current cannot reach the programmed constant
current feed value, the STLC3055 behaves like a
40V voltage source with a series impedance
equal to the protection resistors 2xRp (typ.
2x41
Ω) plus the internal resistance. Fig. 2 shows
the typical DC characteristic in ACTIVE mode.
Vbat
IL
VL
Vbat (-50V)
2x(R1+Rp)
Slope: 2x(R1+Rp)
(R1=1500ohm)
Figure 1. DC Characteristic in HI-Z Mode.
STLC3055
5/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com