Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC04M Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74AC04M
Description  HEX INVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC04M Datasheet(HTML) 1 Page - STMicroelectronics

  74AC04M Datasheet HTML 1Page - STMicroelectronics 74AC04M Datasheet HTML 2Page - STMicroelectronics 74AC04M Datasheet HTML 3Page - STMicroelectronics 74AC04M Datasheet HTML 4Page - STMicroelectronics 74AC04M Datasheet HTML 5Page - STMicroelectronics 74AC04M Datasheet HTML 6Page - STMicroelectronics 74AC04M Datasheet HTML 7Page - STMicroelectronics 74AC04M Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
April 2001
s
HIGH SPEED: tPD = 4ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 2µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 04
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74AC04 is an advanced high-speed CMOS
HEX
INVERTER
fabricated
with
sub-micron
silicon gate and double-layer metal wiring C2MOS
tecnology.
The internal circuit is composed of 3 stages
including buffer output, which enables high noise
immunity and stable output.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74AC04
HEX INVERTER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
74AC04B
SOP
74AC04M
74AC04MTR
TSSOP
74AC04TTR
TSSOP
DIP
SOP


Similar Part No. - 74AC04M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC04M STMICROELECTRONICS-74AC04M Datasheet
67Kb / 7P
HEX INVERTER
Apr-1997
logo
Fairchild Semiconductor
74AC04MTC FAIRCHILD-74AC04MTC Datasheet
104Kb / 8P
Hex Inverter
74AC04MTC FAIRCHILD-74AC04MTC Datasheet
305Kb / 10P
Hex Inverter
74AC04MTC FAIRCHILD-74AC04MTC Datasheet
306Kb / 10P
Hex Inverter
74AC04MTC FAIRCHILD-74AC04MTC Datasheet
306Kb / 10P
Hex Inverter
More results

Similar Description - 74AC04M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
Hex inverter
1991 Feb 08
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
Hex inverter
2003 Jul 23
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
Hex Inverter
74F04 FAIRCHILD-74F04 Datasheet
48Kb / 4P
Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
Hex Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com