Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC02TTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74AC02TTR
Description  QUAD 2-INPUT NOR GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC02TTR Datasheet(HTML) 1 Page - STMicroelectronics

  74AC02TTR Datasheet HTML 1Page - STMicroelectronics 74AC02TTR Datasheet HTML 2Page - STMicroelectronics 74AC02TTR Datasheet HTML 3Page - STMicroelectronics 74AC02TTR Datasheet HTML 4Page - STMicroelectronics 74AC02TTR Datasheet HTML 5Page - STMicroelectronics 74AC02TTR Datasheet HTML 6Page - STMicroelectronics 74AC02TTR Datasheet HTML 7Page - STMicroelectronics 74AC02TTR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
April 2001
s
HIGH SPEED: tPD = 4.2ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 2µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 02
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74AC02 is an advanced high-speed CMOS
QUAD 2-INPUT NOR GATE fabricated with
sub-micron silicon gate and double-layer metal
wiring C2MOS tecnology.
The internal circuit is composed of 3 stages
including buffer output, which enables high noise
immunity and stable output.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74AC02
QUAD 2-INPUT NOR GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
74AC02B
SOP
74AC02M
74AC02MTR
TSSOP
74AC02TTR
TSSOP
DIP
SOP


Similar Part No. - 74AC02TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC02 STMICROELECTRONICS-74AC02 Datasheet
68Kb / 7P
QUAD 2-INPUT NOR GATE
Apr-1997
logo
Fairchild Semiconductor
74AC02 FAIRCHILD-74AC02 Datasheet
103Kb / 7P
Quad 2-Input NOR Gate
logo
STMicroelectronics
74AC02B STMICROELECTRONICS-74AC02B Datasheet
68Kb / 7P
QUAD 2-INPUT NOR GATE
Apr-1997
74AC02M STMICROELECTRONICS-74AC02M Datasheet
68Kb / 7P
QUAD 2-INPUT NOR GATE
Apr-1997
logo
Fairchild Semiconductor
74AC02MTC FAIRCHILD-74AC02MTC Datasheet
103Kb / 7P
Quad 2-Input NOR Gate
More results

Similar Description - 74AC02TTR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
Quad 2-Input NOR Gate
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
QUAD 2-INPUT NOR GATE
Jun-2001
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
01-Oct-2007
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
Quad 2 Input NOR Gate
01-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com