Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN808SR Datasheet(PDF) 13 Page - STMicroelectronics

Part # VN808SR
Description  Octal channel high side driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN808SR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VN808SR Datasheet HTML 9Page - STMicroelectronics VN808SR Datasheet HTML 10Page - STMicroelectronics VN808SR Datasheet HTML 11Page - STMicroelectronics VN808SR Datasheet HTML 12Page - STMicroelectronics VN808SR Datasheet HTML 13Page - STMicroelectronics VN808SR Datasheet HTML 14Page - STMicroelectronics VN808SR Datasheet HTML 15Page - STMicroelectronics VN808SR Datasheet HTML 16Page - STMicroelectronics VN808SR Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
VN808SR
Package mechanical data
13/17
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 10.
PowerSO-36 mechanical data
Dim.
mm
inch
Min
Typ
Max
Min
Typ
Max
A
3.60
0.1417
a1
0.10
0.30
0.003
0.0118
a2
3.30
0.1299
a3
0
0.10
0
0.0039
b
0.22
0.38
0.008
0.0150
c
0.23
0.32
0.009
0.0126
D (1)
15.80
16.00
0.622
0.6299
D1
9.40
9.80
0.370
0.3858
E
13.90
14.50
0.547
0.5709
E1 (1)
10.90
11.10
0.429
0.4370
E2
2.90
0.1142
E3
5.8
6.2
0.228
0.2441
e
0.65
0.025
e3
11.05
0.435
G
0
0.10
0.000
0.0039
H
15.50
15.90
0.610
0.6260
h
1.10
0.0433
L
0.80
1.10
0.031
0.0433
N
10°
10°
S
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com