Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC10 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74AC10
Description  TRIPLE 3-INPUT NAND GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC10 Datasheet(HTML) 2 Page - STMicroelectronics

  74AC10_01 Datasheet HTML 1Page - STMicroelectronics 74AC10_01 Datasheet HTML 2Page - STMicroelectronics 74AC10_01 Datasheet HTML 3Page - STMicroelectronics 74AC10_01 Datasheet HTML 4Page - STMicroelectronics 74AC10_01 Datasheet HTML 5Page - STMicroelectronics 74AC10_01 Datasheet HTML 6Page - STMicroelectronics 74AC10_01 Datasheet HTML 7Page - STMicroelectronics 74AC10_01 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
74AC10
2/8
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X= Don’t care
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
RECOMMENDED OPERATING CONDITIONS
1) VIN from 30% to 70% of VCC
PIN No
SYMBOL
NAME AND FUNCTION
1, 3, 9
1A to 3A
Data Inputs
2, 4, 10
1B to 3B
Data Inputs
13, 5, 11
1C to 3C
Data Inputs
12, 6, 8
1Y to 3Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
ABC
Y
LX
X
H
XLX
H
XX
L
H
HHH
L
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 50
mA
ICC or IGND DC VCC or Ground Current
± 200
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time VCC = 3.0, 4.5 or 5.5V (note 1)
8
ns/V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com