Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC10B Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74AC10B
Description  TRIPLE 3-INPUT NAND GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC10B Datasheet(HTML) 3 Page - STMicroelectronics

  74AC10B Datasheet HTML 1Page - STMicroelectronics 74AC10B Datasheet HTML 2Page - STMicroelectronics 74AC10B Datasheet HTML 3Page - STMicroelectronics 74AC10B Datasheet HTML 4Page - STMicroelectronics 74AC10B Datasheet HTML 5Page - STMicroelectronics 74AC10B Datasheet HTML 6Page - STMicroelectronics 74AC10B Datasheet HTML 7Page - STMicroelectronics 74AC10B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74AC10
3/8
DC SPECIFICATIONS
1) Maximum test duration 2ms, one output loaded at time
2) Incident wave switching is guaranteed on transmission lines with impedances as low as 50
Ω
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500 Ω, Input tr = tf = 3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
3.0
VO = 0.1 V or
VCC-0.1V
2.1
1.5
2.1
2.1
V
4.5
3.15
2.25
3.15
3.15
5.5
3.85
2.75
3.85
3.85
VIL
Low Level Input
Voltage
3.0
VO = 0.1 V or
VCC-0.1V
1.5
0.9
0.9
0.9
V
4.5
2.25
1.35
1.35
1.35
5.5
2.75
1.65
1.65
1.65
VOH
High Level Output
Voltage
3.0
IO=-50 µA
2.9
2.99
2.9
2.9
V
4.5
IO=-50 µA
4.4
4.49
4.4
4.4
5.5
IO=-50 µA
5.4
5.49
5.4
5.4
3.0
IO=-12 mA
2.56
2.46
2.4
4.5
IO=-24 mA
3.86
3.76
3.7
5.5
IO=-24 mA
4.86
4.76
4.7
VOL
Low Level Output
Voltage
3.0
IO=50 µA
0.002
0.1
0.1
0.1
V
4.5
IO=50 µA
0.001
0.1
0.1
0.1
5.5
IO=50 µA
0.001
0.1
0.1
0.1
3.0
IO=12 mA
0.36
0.44
0.5
4.5
IO=24 mA
0.36
0.44
0.5
5.5
IO=24 mA
0.36
0.44
0.5
II
Input Leakage
Current
5.5
VI = VCC or GND
± 0.1
± 1
± 1
µA
ICC
Quiescent Supply
Current
5.5
VI = VCC or GND
220
40
µA
IOLD
Dynamic Output
Current (note 1, 2)
5.5
VOLD = 1.65 V max
75
50
mA
IOHD
VOHD = 3.85 V min
-75
-50
mA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time
3.3(*)
1.5
5.5
8.5
1.0
10.5
1.0
11.0
ns
5.0(**)
1.5
4.0
6.0
1.0
6.5
1.0
7.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com