Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ860 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VNQ860
Description  Quad channel high side driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ860 Datasheet(HTML) 5 Page - STMicroelectronics

  VNQ860 Datasheet HTML 1Page - STMicroelectronics VNQ860 Datasheet HTML 2Page - STMicroelectronics VNQ860 Datasheet HTML 3Page - STMicroelectronics VNQ860 Datasheet HTML 4Page - STMicroelectronics VNQ860 Datasheet HTML 5Page - STMicroelectronics VNQ860 Datasheet HTML 6Page - STMicroelectronics VNQ860 Datasheet HTML 7Page - STMicroelectronics VNQ860 Datasheet HTML 8Page - STMicroelectronics VNQ860 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
VNQ860-E, VNQ860SP-E
Electrical characteristics
5/19
3
Electrical characteristics
(8 V < VCC < 36 V; -40 °C < TJ < 150 °C; unless otherwise specified)
Table 4.
Power section
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VCC
Operating supply
voltage
5.5
36
V
VUSD
Undervoltage shut-
down
34
5.5
V
VOV
Overvoltage shut-down
36
42
48
V
RON
On state resistance
(per channel)
IOUT = 0.25 A; TJ = 25 °C;
IOUT = 0.25 A;
270
540
m
Ω
IS
Supply current
OFF state; VCC = 24 V;
TC = 25 °C
ON state ( all channels ON )
70
5
120
10
µΑ
mA
ILGND
Output current
VCC - VSTAT = VIN =
VGND = 24 V;
VOUT = 0 V
1mA
IL(OFF)
OFF state output
current
VIN = VOUT = 0 V
0
10
µΑ
IOUTleak
OFF state output
leakage current
VIN = VGND = 0 V;
VCC = VOUT = 24 V; TA = 25 °C
240
µΑ
IOUTleak
OFF state output
leakage current
VIN = VGND = 0 V; VCC = 24 V;
VOUT = 10 V; TA = 25 °C
100
µΑ
Table 5.
Switching ( VCC = 24 V)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
t(ON)
Turn-on delay time of
Output current
RL = 96 from VIN rising edge to
VOUT = 2.4 V
10
µs
t(OFF)
Turn-off delay time of
Output current
RL = 96 from VIN rising edge to
VOUT = 21.6 V
40
µs
(dVOUT/dt)on Turn-on voltage slope
RL = 96 from VOUT = 2.4 V to
19.2 V
0.75
V
/µs
(dVOUT/dt)off Turn-off voltage slope
RL = 96 from VOUT = 21.6 V to
2.4 V
0.25
V
/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com