Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC86 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74AC86
Description  QUAD EXCLUSIVE OR GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC86 Datasheet(HTML) 1 Page - STMicroelectronics

  74AC86_01 Datasheet HTML 1Page - STMicroelectronics 74AC86_01 Datasheet HTML 2Page - STMicroelectronics 74AC86_01 Datasheet HTML 3Page - STMicroelectronics 74AC86_01 Datasheet HTML 4Page - STMicroelectronics 74AC86_01 Datasheet HTML 5Page - STMicroelectronics 74AC86_01 Datasheet HTML 6Page - STMicroelectronics 74AC86_01 Datasheet HTML 7Page - STMicroelectronics 74AC86_01 Datasheet HTML 8Page - STMicroelectronics 74AC86_01 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
April 2001
s
HIGH SPEED: tPD = 4ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 2µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 86
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74AC86 is an advanced high-speed CMOS
QUAD EXCLUSIVE OR GATE fabricated with
sub-micron silicon gate and double-layer metal
wiring C2MOS tecnology.
All inputs and outputs are equipped with protec-
tion circuits against static discharge, giving them
2KV ESD immunity and transient excess voltage.
74AC86
QUAD EXCLUSIVE OR GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
74AC86B
SOP
74AC86M
74AC86MTR
TSSOP
74AC86TTR
TSSOP
DIP
SOP


Similar Part No. - 74AC86_01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC86B STMICROELECTRONICS-74AC86B Datasheet
68Kb / 7P
QUAD EXCLUSIVE OR GATE
Apr-1997
74AC86M STMICROELECTRONICS-74AC86M Datasheet
68Kb / 7P
QUAD EXCLUSIVE OR GATE
Apr-1997
logo
Fairchild Semiconductor
74AC86MTC FAIRCHILD-74AC86MTC Datasheet
98Kb / 7P
Quad 2-Input Exclusive-OR Gate
logo
ON Semiconductor
74AC86MTC ONSEMI-74AC86MTC Datasheet
208Kb / 7P
Quad 2-Input Exclusive-OR Gate
Revised February 2005
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
Quad 2-Input Exclusive-OR Gate
More results

Similar Description - 74AC86_01

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10113 MOTOROLA-MC10113 Datasheet
104Kb / 5P
Quad Exclusive OR Gate
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
QUAD EXCLUSIVE-OR GATE
Nov-1996
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
QUAD EXCLUSIVE OR GATE
Dec-1992
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
QUAD EXCLUSIVE OR GATE
Sep-2001
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
QUAD EXCLUSIVE OR GATE
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
QUAD EXCLUSIVE OR GATE
logo
Rohm
BU4030B ROHM-BU4030B Datasheet
46Kb / 4P
Quad exclusive OR gate
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
Quad EXCLUSIVE-OR Gate
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
QUAD EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com