Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT14B Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74ACT14B
Description  HEX SCHMITT INVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT14B Datasheet(HTML) 3 Page - STMicroelectronics

  74ACT14B Datasheet HTML 1Page - STMicroelectronics 74ACT14B Datasheet HTML 2Page - STMicroelectronics 74ACT14B Datasheet HTML 3Page - STMicroelectronics 74ACT14B Datasheet HTML 4Page - STMicroelectronics 74ACT14B Datasheet HTML 5Page - STMicroelectronics 74ACT14B Datasheet HTML 6Page - STMicroelectronics 74ACT14B Datasheet HTML 7Page - STMicroelectronics 74ACT14B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74ACT14
3/8
DC SPECIFICATIONS
1) Maximum test duration 2ms, one output loaded at time
2) Incident wave switching is guaranteed on transmission lines with impedances as low as 50
Ω
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500 Ω, Input tr = tf = 3ns)
(*) Voltage range is 5.0V
± 0.5V
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/6 (per gate)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
Vt+
High Level Input
Voltage
4.5
2.0
2.0
2.0
V
5.5
2.0
2.0
2.0
Vt-
Low Level Input
Voltage
4.5
0.6
0.6
0.6
V
5.5
0.6
0.6
0.6
Vh
Hysteresis Voltage
4.5
0.4
1.4
0.4
1.4
0.4
1.4
V
5.5
0.4
1.5
0.4
1.5
0.4
1.5
VOH
High Level Output
Voltage
4.5
IO=-50 µA
4.4
4.49
4.4
4.4
V
5.5
IO=-50 µA
5.4
5.49
5.4
5.4
4.5
IO=-24 mA
3.86
3.76
3.7
5.5
IO=-24 mA
4.86
4.76
4.7
VOL
Low Level Output
Voltage
4.5
IO=50 µA
0.001
0.1
0.1
0.1
V
5.5
IO=50 µA
0.001
0.1
0.1
0.1
4.5
IO=24 mA
0.36
0.44
0.5
5.5
IO=24 mA
0.36
0.44
0.5
II
Input Leakage Cur-
rent
5.5
VI = VCC or GND
± 0.1
± 1
± 1
µA
ICCT
Max ICC/Input
5.5
VI = VCC - 2.1V
0.6
1.5
1.6
mA
ICC
Quiescent Supply
Current
5.5
VI = VCC or GND
440
40
µA
IOLD
Dynamic Output
Current (note 1, 2)
5.5
VOLD = 1.65 V max
75
50
mA
IOHD
VOHD = 3.85 V min
-75
-50
mA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time
5.0(*)
7.2
11.4
14.0
14.0
ns
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
fIN = 10MHz
30
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com