Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3065QTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLC3065QTR
Description  WLL SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3065QTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLC3065QTR Datasheet HTML 10Page - STMicroelectronics STLC3065QTR Datasheet HTML 11Page - STMicroelectronics STLC3065QTR Datasheet HTML 12Page - STMicroelectronics STLC3065QTR Datasheet HTML 13Page - STMicroelectronics STLC3065QTR Datasheet HTML 14Page - STMicroelectronics STLC3065QTR Datasheet HTML 15Page - STMicroelectronics STLC3065QTR Datasheet HTML 16Page - STMicroelectronics STLC3065QTR Datasheet HTML 17Page - STMicroelectronics STLC3065QTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Name
Function
Formula
Typ. Value
CRD (6)
High frequency noise filter
100nF 10% 15VL
Q1
DC/DC converter switch P ch.
MOS transistor
RDS(ON)
≤1.2Ω,VDS = -100V
Total gate charge=20nC max.
with VGS=4.5V and VDS=1V
ID>500mA
Possible choiches:
IRF9510 or IRF9520 or
IRF9120 or equivalent
D1
DC/DC converter series diode
Vr > 100V, tRR
≤ 50ns
SMBYW01-200
or equivalent
RSENSE
DC/DC converter peak current
limiting
RSENSE = 100mV/IPK
110m
Ω
@IPK = 900mA
L (8)
DC/DC converter inductor
DC Resistance
≤ 0.1Ω (9)
L=125
µH RFP1304PV
(Manuf.: All Inductive)
or SUMIDA CDRH125
or equivalent
CF1
DC/DC converter feedback loop
stability
220pF to 470pF (10)
RF1
Negative battery programming
level
250K
Ω<RF1<300KΩ (7)
300kW 1%
@VBATR = -70V
RF2
Negative battery programming
level
9.1k
Ω 1%
(1) In case Zs=Zl, ZA and ZB can be replaced by two resistors of same value: RA=RB=|Zs|.
(2) In this case CTTX is just operating as a DC decoupling capacitor (fp=100Hz).
(3) Defining ZTTX as the impedance of RTTX in series with CTTX, RTTX and CTTX can also be calculated from the following formula:
ZTTX=50*(Zlttx+2Rp+18
Ω).
(4) CVpos should be defined depending on the power supply current capability and maximum allowable ripple.
(5) For low ripple application use 2x47
µF in parallel.
(6) Can be saved if proper PCB layout avoid noise coupling on RD pin (high impedance input).
(7) RF1 sets the self generated battery voltage in RING and ACTIVE(Il=0) mode as follows:
267k
Ω
280k
Ω
294kW
300k
Ω
VBAT(ACTIVE)
-46V
-48V
-49V
-50V
VBATR(RING)
-62V
-65V
-68V
-70V
VBATR should be defined considering the ring peak level required (Vringpeak=VBATR-6V typ.).
The above relation is valid provided that the Vpos power supply current capability and the RSENSE programming allow to source all the
current requested by the particular ringer load configuration.
(8) Core: MICROMETALS T50-26C IRON POWDER, AL-VALUE 61nH/N2
Current rating: 2A (50/60Hz)
Operating Temperature -25
° to +60° Centigrades
Inductance: 14
µH +/-15% at 1KHz, 1mA
DC resistance of winding: MAX.100 mOhm
Code: RFY1303
Wire: UEW2, 0,60 mm
Turns: 50
Inductance (f=1KHz): >125
µH
(9) For high efficiency in HI-Z mode coil resistance @125kHz must be <3ohm
(10) Function of this capacitor is to introduce a zero at the resonance frequency for loop stability. In case some parasitic resistance are already
present in the loop (Coil, CVBAT, PCB layout), the presence of this capacitor can degrade the device noise performances; in this case CF1
should be removed being the loop stability already guaranteed by the parasitic resistance.
EXTERNAL COMPONENTS (continued)
STLC3065
14/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com